Electronic Components Datasheet Search
  English  ▼

X  

UPC2250 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # UPC2250
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC2250 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button UPC2250 Datasheet HTML 6Page - Renesas Technology Corp UPC2250 Datasheet HTML 7Page - Renesas Technology Corp UPC2250 Datasheet HTML 8Page - Renesas Technology Corp UPC2250 Datasheet HTML 9Page - Renesas Technology Corp UPC2250 Datasheet HTML 10Page - Renesas Technology Corp UPC2250 Datasheet HTML 11Page - Renesas Technology Corp UPC2250 Datasheet HTML 12Page - Renesas Technology Corp UPC2250 Datasheet HTML 13Page - Renesas Technology Corp UPC2250 Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Data Sheet G14451EJ2V0DS00
9
µµµµPC2250 SERIES
PACKAGE DRAWINGS
C
U
J
F
E
G
M
4 PIN PLASTIC SIP (TO-126)
P4HP-200B-1
H
ITEM
MILLIMETERS
INCHES
A
C
D
F
G
H
J
K
N
8.5 MAX.
9.7
±0.3
0.2
2.0
1.25 MAX.
1.1 MIN.
Q
1.7 MAX.
14.5 MAX.
2.7
±0.2
2.3 MIN.
U
0.65
±0.1
E
0.335 MAX.
0.043 MIN.
0.026
0.008
0.079
0.05 MAX.
0.09 MIN.
0.106
0.571 MAX.
0.067 MAX.
0.126
±0.004
0.382
±0.012
φ
3.2
±0.1
φ
V
0.55
±0.1
0.022 +0.004
–0.005
N
D
A
M
Q
V
+0.004
–0.005
+0.009
–0.008
Y
13.5
±0.7
0.531 +0.029
–0.028
K
Y
4
1
NOTE
Each lead centerline is located within 0.2 mm (0.008 inch)
of its true position (T.P.) at maximum material condition.
M
11.5 MAX.
0.453 MAX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com