Electronic Components Datasheet Search
  English  ▼

X  

UPC2250 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # UPC2250
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC2250 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button UPC2250 Datasheet HTML 4Page - Renesas Technology Corp UPC2250 Datasheet HTML 5Page - Renesas Technology Corp UPC2250 Datasheet HTML 6Page - Renesas Technology Corp UPC2250 Datasheet HTML 7Page - Renesas Technology Corp UPC2250 Datasheet HTML 8Page - Renesas Technology Corp UPC2250 Datasheet HTML 9Page - Renesas Technology Corp UPC2250 Datasheet HTML 10Page - Renesas Technology Corp UPC2250 Datasheet HTML 11Page - Renesas Technology Corp UPC2250 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Data Sheet G14451EJ2V0DS00
6
µµµµPC2250 SERIES
CHARACTERISTIC CURVES (Unless otherwise specified, TA = 25
°°°°C. Reference values)
PT vs. TA Characteristics
TA - Operating Ambient Temperature -
°C
15
12.5
10
5
0
1.2
25
50
75
100
125
150
∆VO - TJ Characteristics
TJ - Operating Junction Temperature -
°C
30
20
10
0
−10
−20
−30
0
−25
25
50
75
125
100
150
VO - VIN Characteristics
VIN - Input Voltage - V
7
6
5
4
3
2
1
1
R·R - f Characteristics
f - Frequency - Hz
90
80
70
60
50
40
30
10
100
1k
10k
100k
02
4
35
6
8
7
IBIAS - VIN Characteristics
VIN - Input Voltage - V
25
20
15
10
5
2
0
468
10
with infinite heatsink
PC2253, 2255
IO = 40 mA
IO = 40 mA
IO = 100 mA
with 10
°C/W heatsink
without heatsink
VIN = 6V,
IO = 5 mA
µ
PC2251
µ
PC2251
µ
PC2253, 2255
µ
PC2253, 2255
µ
PC2251
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com