Electronic Components Datasheet Search
  English  ▼

X  

IR3621 Datasheet(PDF) 20 Page - International Rectifier

Part # IR3621
Description  2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3621 Datasheet(HTML) 20 Page - International Rectifier

Back Button IR3621 Datasheet HTML 16Page - International Rectifier IR3621 Datasheet HTML 17Page - International Rectifier IR3621 Datasheet HTML 18Page - International Rectifier IR3621 Datasheet HTML 19Page - International Rectifier IR3621 Datasheet HTML 20Page - International Rectifier IR3621 Datasheet HTML 21Page - International Rectifier IR3621 Datasheet HTML 22Page - International Rectifier IR3621 Datasheet HTML 23Page - International Rectifier IR3621 Datasheet HTML 24Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
20
IR3621&(PbF)
www.irf.com
TYPICAL OPERATING CHARACTERISTICS
VOUT3 vs. Temperature
6.1
6.12
6.14
6.16
6.18
6.2
6.22
6.24
-50
-25
0
25
50
75
100
125
Temperature (C)
Frequency vs. Temperature
(Rt=30.9kohm)
0
50
100
150
200
250
300
350
-50
-25
0
25
50
75
100
125
Temperature (C)
Transconductance vs. Temperature
500
1000
1500
2000
2500
-50
-25
0
25
50
75
100
125
Temperature (C)
Transconductance 1
Transconductance 2
SS Charge Current vs. Temperature
15
17
19
21
23
25
27
29
31
-50
-25
0
25
50
75
100
125
Temperature (C)
SS1
SS2
Vfb1 vs. Temperature
0.7940
0.7960
0.7980
0.8000
0.8020
0.8040
0.8060
-50
0
50
100
150
Temperature [C]
Vfb2 vs. Temperature
0.7940
0.7960
0.7980
0.8000
0.8020
0.8040
0.8060
-50
0
50
100
150
Temperature [C]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com