Electronic Components Datasheet Search
  English  ▼

X  

IR3621 Datasheet(PDF) 14 Page - International Rectifier

Part # IR3621
Description  2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3621 Datasheet(HTML) 14 Page - International Rectifier

Back Button IR3621 Datasheet HTML 10Page - International Rectifier IR3621 Datasheet HTML 11Page - International Rectifier IR3621 Datasheet HTML 12Page - International Rectifier IR3621 Datasheet HTML 13Page - International Rectifier IR3621 Datasheet HTML 14Page - International Rectifier IR3621 Datasheet HTML 15Page - International Rectifier IR3621 Datasheet HTML 16Page - International Rectifier IR3621 Datasheet HTML 17Page - International Rectifier IR3621 Datasheet HTML 18Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
14
IR3621&(PbF)
www.irf.com
The ESR zero of the output capacitor is expressed as
follows:
Figure 15 - Compensation network without local
feedback and its asymptotic gain plot.
The transfer function (Ve / VOUT) is given by:
The (s) indicates that the transfer function varies as a
function of frequency. This configuration introduces a gain
and zero, expressed by:
|H(s)| is the gain at zero cross frequency.
First select the desired zero-crossover frequency (F
O1):
VOUT
Vp=VREF
R5
R9
R4
C9
Ve
E/A
FZ
H(s) dB
Frequency
Gain(dB)
Fb
Comp
CPOLE
FESR =
---(10A)
1
2
π×ESR×Co
H(s) = gm
×
×
---(11)
(
)
R5
R9 + R5
1 + sR4C9
sC9
FZ =
---(13)
1
2
π×R4×C9
|H(s=j
×2π×FO)| = gm×
×R4
---(12)
R5
R9+R5
Feedback Compensation
The IR3621 is a voltage mode controller; the control loop
is a single voltage feedback path including error ampli-
fier and error comparator. To achieve fast transient re-
sponse and accurate output regulation, a compensation
circuit is necessary. The goal of the compensation net-
work is to provide a closed loop transfer function with
the highest 0dB crossing frequency and adequate phase
margin (greater than 45
!).
The output LC filter introduces a double pole, –40dB/
decade gain slope above its corner resonant frequency,
and a total phase lag of 180
! (see Figure 14). The Reso-
nant frequency of the LC filter is expressed as follows:
Where: Lo is the output inductor
For 2-phase application, the effective output
inductance should be used
Co is the total output capacitor
Figure 14 shows gain and phase of the LC filter. Since
we already have 180
! phase shift just from the output
filter, the system risks being unstable.
FLC =
---(10)
1
2
π× LO×CO
Gain
FLC
0dB
Phase
0
!
FLC
-180
!
Frequency
Frequency
-40dB/decade
Figure14 - Gain and phase of LC filter
The IR3621’s error amplifier is a differential-input transcon-
ductance amplifier. The output is available for DC gain
control or AC phase compensation.
The E/A can be compensated with or without the use of
local feedback. When operated without local feedback,
the transconductance properties of the E/A become evi-
dent and can be used to cancel one of the output filter
poles. This will be accomplished with a series RC circuit
from Comp pin to ground as shown in Figure 15.
Note that this method requires the output capacitor to
have enough ESR to satisfy stability requirements. In
general, the output capacitor’s ESR generates a zero
typically at 5kHz to 50kHz which is essential for an ac-
ceptable phase margin.
F
O1 > F
ESR
and F
O1 ≤ (1/5 ~ 1/10)×f
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com