Electronic Components Datasheet Search
  English  ▼

X  

IR3621 Datasheet(PDF) 9 Page - International Rectifier

Part # IR3621
Description  2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3621 Datasheet(HTML) 9 Page - International Rectifier

Back Button IR3621 Datasheet HTML 5Page - International Rectifier IR3621 Datasheet HTML 6Page - International Rectifier IR3621 Datasheet HTML 7Page - International Rectifier IR3621 Datasheet HTML 8Page - International Rectifier IR3621 Datasheet HTML 9Page - International Rectifier IR3621 Datasheet HTML 10Page - International Rectifier IR3621 Datasheet HTML 11Page - International Rectifier IR3621 Datasheet HTML 12Page - International Rectifier IR3621 Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
IR3621&(PbF)
9
www.irf.com
L1
RSET
IR3621
OCSet
IOCSET
VOUT
Hiccup
Control
Q1
Q2
Figure 9 - Diagram of the over current sensing.
VOCSET = IOCSET
×RSET-RDS(ON)×iL
---(2)
VOCSET = IOCSET
×RSET - RDS(ON)×IL = 0
The critical inductor current can be calculated by set-
ting:
ISET = IL(CRITICAL)
=
---(3)
RSET
×IOCSET
RDS(ON)
The internal current source develops a voltage across
RSET. When the low side switch is turned on, the induc-
tor current flows through the Q2 and results a voltage
which is given by:
The value of RSET should be checked in an actual
circuit to ensure that the Over Current Protection
circuit activates as expected. The IR3621 current limit
is designed primarily as disaster preventing, "no blow
up" circuit, and is not useful as a precision current
regulator.
In two independent mode, the output of each channel
is protected independently which means if one output
is under overload or short circuit condition, the other
output will remain functional. The OCP set limit can be
programmed to different levels by using the external
resistors. This is valid for both hiccup mode and latch
up mode.
In 2-phase configuration, the OCP's output depends on
any one channel, which means as soon as one
channel goes to overload or short circuit condition the
output will enter either hiccup or latch-up, dependes on
status of Hiccup pin.
For a given start up time, the soft-start capacitor can be
calculated by:
CSS
≅ 28µA×TSTART/0.8V
Over-Current Protection
The IR3621 can provide two different schemes for Over-
Current Protection (OCP). When the Hiccup pin is pulled
high, the OCP will operate in hiccup mode. In this mode,
during overload or short circuit, the outputs enter hiccup
mode and stay in that mode until the overload or short
circuit is removed. The converter will automatically re-
cover.
When the Hiccup pin is pulled low, the OCP scheme
will be changed to the latch up type, in this mode the
converter will be turned off during Overcurrent or short
circuit. The power needs to be recycled for normal
operation.
Each phase has its own independent OCP circuitry.
The OCP is performed by sensing current through the
RDS(ON) of low side MOSFET. As shown in Figure 9, an
external resistor (RSET) is connected between OCSet pin
and the drain of low side MOSFET (Q2) which sets the
current limit set point.
The soft-start is part of the Over Current Protection
scheme, during the overload or short circuit condition
the external soft start capacitors will be charged and
discharged in certain slope rate to achieve the hiccup
mode function.
Out-of-Phase Operation
The IR3621 drives its two output stages 180
! out-of-phase.
In 2-phase configuration, the two inductor ripple currents
cancel each other and result in a reduction of the output
current ripple and yield a smaller output capacitor for the
same ripple voltage requirement.
In single input voltage applications, the input ripple current
reduces. This results in much smaller input capacitor's
RMS current and reduces the input capacitor quantity.
SS1 / SD 20
28uA
3uA
Hiccup
If using one soft start capacitor in dual configuration for a
precise power up the OCP needs to be set to latch mode.
Figure 8 - 3uA current source for discharging soft
start-capacitor during Hiccup mode
Pre-bias Startup
The IR3621 allows pre-bias startup without discharging
the output capacitors. The output starts in asynchro-
nous fashion and keeps the synchronous MOSFET off
until the first gate signal for control MOSFET is gener-
ated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com