Electronic Components Datasheet Search
  English  ▼

X  

IR3621 Datasheet(PDF) 15 Page - International Rectifier

Part # IR3621
Description  2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3621 Datasheet(HTML) 15 Page - International Rectifier

Back Button IR3621 Datasheet HTML 11Page - International Rectifier IR3621 Datasheet HTML 12Page - International Rectifier IR3621 Datasheet HTML 13Page - International Rectifier IR3621 Datasheet HTML 14Page - International Rectifier IR3621 Datasheet HTML 15Page - International Rectifier IR3621 Datasheet HTML 16Page - International Rectifier IR3621 Datasheet HTML 17Page - International Rectifier IR3621 Datasheet HTML 18Page - International Rectifier IR3621 Datasheet HTML 19Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
IR3621&(PbF)
15
www.irf.com
Where:
VIN = Maximum Input Voltage
VOSC = Oscillator Ramp Voltage
F
O1 = Crossover Frequency
FESR = Zero Frequency of the Output Capacitor
FLC = Resonant Frequency of the Output Filter
R5 and R9 = Resistor Dividers for Output Voltage
Programming
gm = Error Amplifier Transconductance
This results to R4=4.8K
Choose R4=5K
To cancel one of the LC filter poles, place the zero be-
fore the LC filter resonant frequency pole:
Using equations (13) and (15) to calculate C9, we get:
Same calcuation For V1.8V will result to: R3 = 4.2K and
C8 = 10nF
One more capacitor is sometimes added in parallel with
C9 and R4. This introduces one more pole which is mainly
used to suppress the switching noise. The additional
pole is given by:
The pole sets to one half of switching frequency which
results in the capacitor CPOLE:
C9
≅ 8.3nF; Choose C9 =8.2nF
FLC = 5.06kHz
R5 = 1K
R9 = 2.14K
gm = 1400
µmho
For V2.5V:
VIN = 12V
VOSC = 1.25V
F
O1 = 40KHz
FESR = 13.3kHz
R4 =
×
×
×
---(14)
F
O1×F
ESR
FLC2
VOSC
VIN
R5 + R9
R5
1
gm
For:
Lo = 1.1
µH
Co = 990
µF
FZ
≅ 75%FLC
FZ
≅ 0.75×
1
2
π
LO
× CO
---(15)
FZ = 3.61kHz
R4 = 5K
FP =
2
π×R4×
1
C9
×CPOLE
C9 + CPOLE
CPOLE =
≅
for FP <<
fS
2
1
π×R4×fS
π×R4×fS -
1
1
C9
For a general solution for unconditional stability for ce-
ramic output capacitor with very low ESR or any type of
output capacitors, in a wide range of ESR values we
should implement local feedback with a compensation
network. The typically used compensation network for a
voltage-mode controller is shown in Figure 16.
Figure 16- Compensation network with local
feedback and its asymptotic gain plot.
In such configuration, the transfer function is given by:
The error amplifier gain is independent of the transcon-
ductance under the following condition:
By replacing ZIN and Zf according to Figure 16, the trans-
former function can be expressed as:
As known, transconductance amplifier has high imped-
ance (current source) output, therefore, consider should
be taken when loading the E/A output. It may exceed its
source/sink output current capability, so that the ampli-
fier will not be able to swing its output voltage over the
necessary range.
The compensation network has three poles and two ze-
ros and they are expressed as follows:
1 - gmZf
1 + gmZIN
Ve
VOUT
=
gmZf >> 1
and
gmZIN >>1
---(16)
H(s) =
1+sR7
×(1+sR8C10)
(1+sR7C11)
×[1+sC10(R6+R8)]
×
[
(
)]
1
sR6(C12+C11)
C12C11
C12+C11
VOUT
VP2=VREF
R5
R6
R8
C10
C12
C11
R7
Ve
FZ1
FZ2
FP2
FP3
E/A
Zf
ZIN
Frequency
Gain(dB)
H(s) dB
Fb
Comp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com