Electronic Components Datasheet Search
  English  ▼

X  

IR3621 Datasheet(PDF) 22 Page - International Rectifier

Part # IR3621
Description  2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3621 Datasheet(HTML) 22 Page - International Rectifier

Back Button IR3621 Datasheet HTML 18Page - International Rectifier IR3621 Datasheet HTML 19Page - International Rectifier IR3621 Datasheet HTML 20Page - International Rectifier IR3621 Datasheet HTML 21Page - International Rectifier IR3621 Datasheet HTML 22Page - International Rectifier IR3621 Datasheet HTML 23Page - International Rectifier IR3621 Datasheet HTML 24Page - International Rectifier IR3621 Datasheet HTML 25Page - International Rectifier IR3621 Datasheet HTML 26Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
22
IR3621&(PbF)
www.irf.com
TYPICAL OPERATING WAVEFORMS
Test Conditions:
VIN=12V, VOUT1=2.5V, IOUT1=0-10A, VOUT2=1.8V, IOUT2=0-10A, Fs=400kHz, TA=Room Temp, No Air Flow
Unless otherwise specified.
Figure 21 - Start up waveforms for 2.5V output
Ch1: Vin, Ch2: Vout3, Ch3: SS1, Ch4:Vo1 (2.5V)
Figure 22 - Start up waveforms for 1.8V output
Ch1: Vin, Ch2: Vout3, Ch3: SS2, Ch4:Vo2 (1.8V)
Figure 23 - Start up waveforms
Ch1: Vin, Ch2: Vout3, Ch3: Vref
Figure 24 - Vo1, Vo2 and PGood
Ch1: Vin, Ch2: Vo1, Ch3: Vo2, Ch4: PGood



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com