Electronic Components Datasheet Search
  English  ▼

X  

UPD67 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # UPD67
Description  MOS INTEGRATED CIRCUIT
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD67 Datasheet(HTML) 5 Page - Renesas Technology Corp

  UPD67 Datasheet HTML 1Page - Renesas Technology Corp UPD67 Datasheet HTML 2Page - Renesas Technology Corp UPD67 Datasheet HTML 3Page - Renesas Technology Corp UPD67 Datasheet HTML 4Page - Renesas Technology Corp UPD67 Datasheet HTML 5Page - Renesas Technology Corp UPD67 Datasheet HTML 6Page - Renesas Technology Corp UPD67 Datasheet HTML 7Page - Renesas Technology Corp UPD67 Datasheet HTML 8Page - Renesas Technology Corp UPD67 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 73 page
background image
3
µPD67, 67A, 68, 68A, 69
Data Sheet U14935EJ2V1DS
LIST OF FUNCTIONS
Item
µPD67, 67A
µPD68, 68A
µPD69
µPD6P9
ROM capacity
1,002
× 10 bits
2,026
× 10 bits
4,074
× 10 bits
Mask ROM
One-time PROM
RAM capacity
32
× 4 bits
128
× 4 bits
Stack
1 level (multiplexed with RF of RAM)
I/O pins
• Key input (KI):
4
• Key I/O (KI/O):
8
• Key extended input (S0, S1, S2):
3
• Remote control transmission display output (LED): 1 (multiplexed with S1 pin)
Number of keys
• 32
• 56 (when extended by key extension input)
Clock frequency
Ceramic oscillation
•fX = 3.5 to 4.5 MHz
Instruction execution time
16
µs (@ fX = 4 MHz)
Carrier frequency
Each high-/low-level width can be set from 250 ns to 64
µs (@ fX = 4 MHz operation)
via modulo registers
TimerNote
9-bit programmable timer: 1 channel, timer clock: fX/64
POC circuit
On-chip
RAM retention detector
On-chip
Capacitor for oscillation (15 pF)
Mask option
Set to be used/
not used in device
Supply voltage
VDD = 2.0 to 3.6 V
VDD = 2.2 to 3.6 V
Operating ambient temperature
TA = –40 to +85
°C
Package
20-pin plastic SSOP (7.62 mm (300))
BLOCK DIAGRAM
KI0 to KI3
KI/O0 to KI/O7
S0, S1/LED, S2
Port KI
Port KI/O
Port S
4
8
3
4
8
3
ROM
RAM
System control
Carrier
generator
9-bit timer
CPU
core
XIN
XOUT
VDD
GND
REM
S1/LED
Note The timer output time differs between the
µPD67, 68, and 69 and the µPD67A and 68A. For details, refer
to 4 TIMER.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com