Electronic Components Datasheet Search
  English  ▼

X  

UPD67 Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # UPD67
Description  MOS INTEGRATED CIRCUIT
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD67 Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button UPD67 Datasheet HTML 65Page - Renesas Technology Corp UPD67 Datasheet HTML 66Page - Renesas Technology Corp UPD67 Datasheet HTML 67Page - Renesas Technology Corp UPD67 Datasheet HTML 68Page - Renesas Technology Corp UPD67 Datasheet HTML 69Page - Renesas Technology Corp UPD67 Datasheet HTML 70Page - Renesas Technology Corp UPD67 Datasheet HTML 71Page - Renesas Technology Corp UPD67 Datasheet HTML 72Page - Renesas Technology Corp UPD67 Datasheet HTML 73Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 69 / 73 page
background image
67
µPD67, 67A, 68, 68A, 69
Data Sheet U14935EJ2V1DS
REM output
13.5 ms
Leader code
9 ms
4.5 ms
Custom code
8 bits
Custom code'
8 bits
Data code
8 bits
Data code
8 bits
27 ms
18 to 36 ms
58.5 to 76.5 ms
Stop bit
1 bit
< 3 >
APPENDIX C. EXAMPLE OF REMOTE-CONTROL TRANSMISSION FORMAT
(in the case of NEC transmission format in command one-shot transmission mode)
Caution When using the NEC transmission format, please apply to NEC for a custom code.
(1) REM output waveform (From <2> on, the output is made only when the key is held down)
REM output
58.5 to 76.5 ms
108 ms
108 ms
< 1 >
< 2 >
Remark If the key is repeatedly pressed, the power consumption of the infrared light-emitting diode (LED) can
be reduced by sending the reader code and the stop bit from the second time.
(2) Enlarged waveform of <1>
(3) Enlarged waveform of <3>
REM output
9 ms
13.5 ms
0
4.5 ms
11
0
0
2.25 ms
1.125 ms
0.56 ms
(4) Enlarged waveform of <2>
REM output
9 ms
11.25 ms
2.25 ms
0.56 ms
Stop bit
Leader code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com