Electronic Components Datasheet Search
  English  ▼

X  

UPD67 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # UPD67
Description  MOS INTEGRATED CIRCUIT
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD67 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button UPD67 Datasheet HTML 12Page - Renesas Technology Corp UPD67 Datasheet HTML 13Page - Renesas Technology Corp UPD67 Datasheet HTML 14Page - Renesas Technology Corp UPD67 Datasheet HTML 15Page - Renesas Technology Corp UPD67 Datasheet HTML 16Page - Renesas Technology Corp UPD67 Datasheet HTML 17Page - Renesas Technology Corp UPD67 Datasheet HTML 18Page - Renesas Technology Corp UPD67 Datasheet HTML 19Page - Renesas Technology Corp UPD67 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 73 page
background image
14
µPD67, 67A, 68, 68A, 69
Data Sheet U14935EJ2V1DS
3. PORT REGISTERS (PX)
The KI/O port, the KI port, the special ports (S0, S1/LED, S2), and the control registers are treated as port registers.
After reset, the port register values are as shown below.
Figure 3-1. Port Register Configuration
Notes 1.
×: Refers to the value based on the KI and S2 pin state.
2.
×: Refers to the value based on decrease of power supply voltage (0 when VDD ≤ VID)
Remark VID: RAM retention detection voltage
Table 3-1. Relationship Between Ports and Reading/Writing
Port Name
Input Mode
Output Mode
Read
Write
Read
Write
KI/O
Pin state
Output latch
Output latch
Output latch
KI
Pin state
—
—
—
S0
Pin state
—
Note
—
S1/LED
Pin state
—
Pin state
—
S2
Pin state
—
—
—
Note When in OFF mode, “1” is always read.
Port register
P0
KI/O7
P00
After reset
FFH
KI/O6
KI/O5
KI/O4
KI/O3
KI/O2
KI/O1
KI/O0
P10
P1
KI3
P01
××××11×1BNote 1
KI2
KI1
KI0
S1/LED
S0
S2
1
P11
P3 (control register 0)
DP11
P03
0000
×000BNote 2
DP10
DP9
DP8
RAM
retention
flag
–ID1
ID0
P13
P4 (control register 1)
0
P04
26H
0
KI
Pull-down
S0/S1
Pull-down
S2
STOP release
S1/LED mode
KI/O mode
S0 mode
P14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com