Electronic Components Datasheet Search
  English  ▼

X  

UPD67 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # UPD67
Description  MOS INTEGRATED CIRCUIT
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD67 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button UPD67 Datasheet HTML 4Page - Renesas Technology Corp UPD67 Datasheet HTML 5Page - Renesas Technology Corp UPD67 Datasheet HTML 6Page - Renesas Technology Corp UPD67 Datasheet HTML 7Page - Renesas Technology Corp UPD67 Datasheet HTML 8Page - Renesas Technology Corp UPD67 Datasheet HTML 9Page - Renesas Technology Corp UPD67 Datasheet HTML 10Page - Renesas Technology Corp UPD67 Datasheet HTML 11Page - Renesas Technology Corp UPD67 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 73 page
background image
6
µPD67, 67A, 68, 68A, 69
Data Sheet U14935EJ2V1DS
1. PIN FUNCTIONS
1.1 List of Pin Functions
Pin No.
Symbol
Function
Output Format
After Reset
1KI/O0 to KI/O7
CMOS
High-level output
2
push-pullNote 1
15 to 20
3S0
—
High-impedance
(OFF mode)
4S1/LED
CMOS push-pull
High-level output
(LED)
5
REM
CMOS push-pull
Low-level output
6VDD
——
7XOUT
—
Low level
8XIN
(oscillation stopped)
9
GND
——
10
S2
—
Input
(high-impedance,
STOP mode
release cannot be
used)
11 to 14 KI0 to KI3Note 2
—
Input (low-level)
Notes 1. Be careful about this because the drive capacity of the low-level output side is held low.
2. In order to prevent malfunction, be sure to input a low level to one or more of pins KI0 to KI3 when
POC is released by supply voltage rising (Can be left open. When open, leave the pull-down resistor
connected).
8-bit I/O port. Input/output can be specified in 8-bit units.
In input mode, the use of a pull-down resistor can be
specified.
In output mode, these pins can be used as key scan
outputs from a key matrix.
Input port.
Can also be used as a key return input from a key matrix.
In input mode, the use of a pull-down resistor for the S0
and S1 ports can be specified by software in 2-bit units.
If input mode is canceled by software, this pin is placed
in OFF mode and enters a high-impedance state.
I/O port.
In input mode (S1), this pin can also be used as a key
return input from a key matrix.
The use of a pull-down resistor for the S0 and S1 ports
can
be
specified
by
software
in
2-bit
units.
In output mode (LED), this pin becomes the remote
control transmission display output (active low). When
the remote control carrier is output from the REM output,
this pin outputs a low level from the LED output in
synchronization with the REM signal.
Infrared remote control transmission output.
This output is active high.
Each carrier high-/low-level width can be freely set in
a range of 250 ns to 64
µs (@ fX = 4 MHz) by
software.
Power supply
Pins for connecting ceramic resonators for the system
clock.
A capacitor (15 pF) for the oscillator can be specified by
a mask option.
GND
Input port.
The use of STOP mode release for the S2 port can be
specified by software. When used as a key input from
a key matrix, enable the use of STOP mode release (at
this time, a pull-down resistor is connected internally.)
When STOP mode release is disabled, this pin can be
used as an input port that does not release the STOP
mode even if the release condition is established
(at this time, a pull-down resistor is not connected internally.)
4-bit input port.
These pins can also be used as a key return inputs
from a key matrix. The use of a pull-down resistor
can be specified by software in 4-bit units.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com