Electronic Components Datasheet Search
  English  ▼

X  

UPD67 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # UPD67
Description  MOS INTEGRATED CIRCUIT
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD67 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button UPD67 Datasheet HTML 5Page - Renesas Technology Corp UPD67 Datasheet HTML 6Page - Renesas Technology Corp UPD67 Datasheet HTML 7Page - Renesas Technology Corp UPD67 Datasheet HTML 8Page - Renesas Technology Corp UPD67 Datasheet HTML 9Page - Renesas Technology Corp UPD67 Datasheet HTML 10Page - Renesas Technology Corp UPD67 Datasheet HTML 11Page - Renesas Technology Corp UPD67 Datasheet HTML 12Page - Renesas Technology Corp UPD67 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 73 page
background image
7
µPD67, 67A, 68, 68A, 69
Data Sheet U14935EJ2V1DS
1.2 Pin I/O Circuits
The I/O circuits of pins of the
µPD67, 67A, 68, 68A, and 69 are shown in partially simplified forms below.
(1) KI/O0 to KI/O7
(4) S0
(5) S1/LED
Note The drive capacity is held low.
(2) KI0 to KI3
(3) REM
(6) S2
P-ch
N-chNote
N-ch
VDD
Output
latch
Input buffer
Data
Output
disable
N-ch
Input buffer
Pull-down flag
Standby
release
P-ch
N-ch
VDD
Output
latch
Carrier
generator
Data
OFF mode
Pull-down flag
N-ch
Standby
release
Input buffer
N-ch
Input buffer
STOP release
ON/OFF
Standby
release
P-ch
N-ch
N-ch
VDD
REM
output latch
Input buffer
Output
disable
Pull-down flag
Standby
release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com