Electronic Components Datasheet Search
  English  ▼

X  

UPD69 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPD69
Description  MOS INTEGRATED CIRCUIT
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD69 Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPD69 Datasheet HTML 1Page - Renesas Technology Corp UPD69 Datasheet HTML 2Page - Renesas Technology Corp UPD69 Datasheet HTML 3Page - Renesas Technology Corp UPD69 Datasheet HTML 4Page - Renesas Technology Corp UPD69 Datasheet HTML 5Page - Renesas Technology Corp UPD69 Datasheet HTML 6Page - Renesas Technology Corp UPD69 Datasheet HTML 7Page - Renesas Technology Corp UPD69 Datasheet HTML 8Page - Renesas Technology Corp UPD69 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 73 page
background image
2000
DATA SHEET
4-BIT SINGLE-CHIP MICROCONTROLLER
FOR INFRARED REMOTE CONTROL TRANSMISSION
DESCRIPTION
With their 2.0 V low-voltage operation, carrier generator for infrared remote control transmission, standby release
function through key input, and programmable timer, the
µPD67, 67A, 68, 68A, and 69 are ideal for infrared remote
control transmitters.
A one-time PROM product, the
µPD6P9, has also been provided for the µPD67, 67A, 68, 68A, and 69 for program
evaluation or small-quantity production.
FEATURES
• Program memory (ROM)
•
µPD67, 67A: 1,002 × 10 bits
•
µPD68, 68A: 2,026 × 10 bits
•
µPD69:
4,074
× 10 bits
• Data memory (RAM)
•
µPD67, 67A, 68, 68A: 32 × 4 bits
•
µPD69:
128
× 4 bits
• On-chip carrier generator for infrared remote control: Each high-/low-level width can be set from 250 ns to 64
µs (@ fX = 4 MHz operation) via modulo registers
• 9-bit programmable timer: 1 channel
• Instruction execution time: 16
µs (@ fX = 4 MHz operation: ceramic oscillation)
• Stack level:
1 level (Stack RAM is multiplexed with data memory RF.)
• I/O pins (KI/O):
8
• Input pins (KI):
4
• Sense input pins (S0, S2): 2
•S1/LED pin (I/O):
1 (when in output mode, this is the remote control transmission display pin)
• Power supply voltage:
VDD = 2.0 to 3.6 V
• Operating ambient temperature:
TA = –40 to +85
°C
• Oscillator frequency:
fX = 3.5 to 4.5 MHz
• On-chip POC circuit and RAM retention detector
• Capacitor for oscillator: 15 pF (mask option)
APPLICATIONS
Infrared remote control transmitters (for AV and household electric appliances)
MOS INTEGRATED CIRCUIT
µPD67, 67A, 68, 68A, 69
The mark
shows major revised points.
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
Document No. U14935EJ2V1DS00 (2nd edition)
Date Published August 2005 N CP(K)
Printed in Japan



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com