Electronic Components Datasheet Search
  English  ▼

X  

UPD69 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # UPD69
Description  MOS INTEGRATED CIRCUIT
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD69 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button UPD69 Datasheet HTML 3Page - Renesas Technology Corp UPD69 Datasheet HTML 4Page - Renesas Technology Corp UPD69 Datasheet HTML 5Page - Renesas Technology Corp UPD69 Datasheet HTML 6Page - Renesas Technology Corp UPD69 Datasheet HTML 7Page - Renesas Technology Corp UPD69 Datasheet HTML 8Page - Renesas Technology Corp UPD69 Datasheet HTML 9Page - Renesas Technology Corp UPD69 Datasheet HTML 10Page - Renesas Technology Corp UPD69 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 73 page
background image
5
µPD67, 67A, 68, 68A, 69
Data Sheet U14935EJ2V1DS
7.
POC CIRCUIT ................................................................................................................................. 32
7.1
Functions of POC Circuit .....................................................................................................
33
7.2
Oscillation Check at Low Supply Voltage ..........................................................................
33
8.
SYSTEM CLOCK OSCILLATOR .................................................................................................. 34
9.
INSTRUCTION SET ....................................................................................................................... 35
9.1
Machine Language Output by Assembler .........................................................................
35
9.2
Circuit Symbol Description .................................................................................................
36
9.3
Mnemonic to/from Machine Language (Assembler Output) Contrast Table ................
37
9.4
Accumulator Manipulation Instructions ............................................................................
41
9.5
I/O Instructions ...................................................................................................................... 44
9.6
Data Transfer Instructions ...................................................................................................
45
9.7
Branch Instructions .............................................................................................................. 47
9.8
Subroutine Instructions ....................................................................................................... 48
9.9
Timer Operation Instructions .............................................................................................. 49
9.10 Others ..................................................................................................................................... 52
10. ASSEMBLER RESERVED WORDS ............................................................................................
54
10.1 Mask Option Directives ........................................................................................................
54
10.1.1 OPTION and ENDOP quasi-directives .......................................................................................
54
10.1.2 Mask option definition quasi-directives ......................................................................................
54
11. ELECTRICAL SPECIFICATIONS .................................................................................................. 55
12. CHARACTERISTIC CURVES (REFERENCE VALUES) ............................................................
59
13. APPLICATION CIRCUIT EXAMPLE ............................................................................................
60
14. PACKAGE DRAWINGS .................................................................................................................. 63
15. RECOMMENDED SOLDERING CONDITIONS ...........................................................................
64
APPENDIX A. DEVELOPMENT TOOLS ............................................................................................
65
APPENDIX B. FUNCTIONAL COMPARISON BETWEEN
µPD67A, 68A, 69,
AND OTHER PRODUCTS .........................................................................................
66
APPENDIX C. EXAMPLE OF REMOTE-CONTROL TRANSMISSION FORMAT (in the case of
NEC transmission format in command one-shot transmission mode) ..............
67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com