Electronic Components Datasheet Search
  English  ▼

X  

UPD69 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # UPD69
Description  MOS INTEGRATED CIRCUIT
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD69 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button UPD69 Datasheet HTML 41Page - Renesas Technology Corp UPD69 Datasheet HTML 42Page - Renesas Technology Corp UPD69 Datasheet HTML 43Page - Renesas Technology Corp UPD69 Datasheet HTML 44Page - Renesas Technology Corp UPD69 Datasheet HTML 45Page - Renesas Technology Corp UPD69 Datasheet HTML 46Page - Renesas Technology Corp UPD69 Datasheet HTML 47Page - Renesas Technology Corp UPD69 Datasheet HTML 48Page - Renesas Technology Corp UPD69 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 73 page
background image
43
µPD67, 67A, 68, 68A, 69
Data Sheet U14935EJ2V1DS
XRL A, @R0H
XRL A, @R0L
<1> Instruction code:
1 010 0/1 1000 0
<2> Cycle count:
1
<3> Function:
(A)
← (A) ∨ (P13), (R0))7-4 (in the case of XRL A, @R0H)
CY
← A3 • ROM7
(A)
← (A) ∨ (P13), (R0))3-0 (in the case of XRL A, @R0L)
CY
← A3 • ROM3
The accumulator contents and the program memory contents specified by the control register P13 and
register pair R10-R00 are exclusive-ORed and the results are entered in the accumulator.
If H is specified, b7, b6, b5, and b4 take effect. If L is specified, b3, b2, b1, and b0 take effect.
XRL A, #data4
<1> Instruction code:
1 01011000 1
0 00000 d3 d2 d1 d0
<2> Cycle count:
1
<3> Function:
(A)
← (A) ∨ data4
CY
← A3 • data43
The accumulator contents and the immediate data are exclusive-ORed and the results are entered in
the accumulator.
INC A
<1> Instruction code:
1 01001001 1
<2> Cycle count:
1
<3> Function:
(A)
← (A) + 1
if
A = 0
CY
← 1
else
CY
← 0
The accumulator contents are incremented (+1).
RL A
<1> Instruction code:
1 11001001 1
<2> Cycle count:
1
<3> Function:
(An + 1)
← (An), (A0) ← (A3)
CY
← A3
The accumulator contents are rotated anticlockwise bit by bit.
RLZ A
<1> Instruction code:
1 11101001 1
<2> Cycle count:
1
<3> Function:
if
A = 0
reset
else
(An + 1)
← (An), (A0) ←(A3)
CY
← A3
The accumulator contents are rotated anticlockwise bit by bit.
If A = 0H at the time of command execution, an internal reset takes effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com