Electronic Components Datasheet Search
  English  ▼

X  

UPD69 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # UPD69
Description  MOS INTEGRATED CIRCUIT
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD69 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button UPD69 Datasheet HTML 19Page - Renesas Technology Corp UPD69 Datasheet HTML 20Page - Renesas Technology Corp UPD69 Datasheet HTML 21Page - Renesas Technology Corp UPD69 Datasheet HTML 22Page - Renesas Technology Corp UPD69 Datasheet HTML 23Page - Renesas Technology Corp UPD69 Datasheet HTML 24Page - Renesas Technology Corp UPD69 Datasheet HTML 25Page - Renesas Technology Corp UPD69 Datasheet HTML 26Page - Renesas Technology Corp UPD69 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 73 page
background image
21
µPD67, 67A, 68, 68A, 69
Data Sheet U14935EJ2V1DS
4.2 Timer Operation
The timer starts (counting down) when a value other than 0 is set for the down counter with a timer manipulation
instruction. The timer manipulation instructions for making the timer start operation are shown below:
MOV T0, A
MOV T1, A
MOV T, #data10
MOV T, @R0
The down counter is decremented (–1) in the cycle of 64/fX. If the value of the down counter becomes 0, the
zero detector generates the timer operation end signal to stop the timer operation. At this time, if the timer is in
HALT mode (HALT #
×101B) waiting for the timer to stop its operation, the HALT mode is released and the instruction
following the HALT instruction is executed. The output of the timer operation end signal is continued while the down
counter is 0 and the timer is stopped. The following relational expression applies between the timer’s output time
and the down counter’s set value.
(a)
µPD67, 68, and 69
Timer output time = (Set value + 1)
× 64/fX
(b)
µPD67A and 68A
Timer output time = (Set value + 1)
× 64/fX – 4/fX
In addition, when the timer is set successively, in the
µPD67A and 68A, the timer output time is also 4/fX shorter
than the total time. An example is shown below.
Example
When fX = 4 MHz
MOV T, #3FFH
STTS #05H
HALT #05H
MOV T, #232H
STTS #05H
HALT #05H
In the case above, the timer output time is as follows.
(a)
µPD67, 68, and 69
(Set value + 1)
× 64/fX + (Set value + 1) × 64/fX
= (511 + 1)
× 64/4 + (50 + 1) × 64/4
= 9.008 ms
(b)
µPD67A and 68A
(Set value + 1)
× 64/fX + (Set value + 1) × 64/fX – 4/fX
= (511 +1)
× 64/4 + (50 +1) × 64/4 – 4/4
= 9.007 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com