Electronic Components Datasheet Search
  English  ▼

X  

UPD69 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # UPD69
Description  MOS INTEGRATED CIRCUIT
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD69 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button UPD69 Datasheet HTML 18Page - Renesas Technology Corp UPD69 Datasheet HTML 19Page - Renesas Technology Corp UPD69 Datasheet HTML 20Page - Renesas Technology Corp UPD69 Datasheet HTML 21Page - Renesas Technology Corp UPD69 Datasheet HTML 22Page - Renesas Technology Corp UPD69 Datasheet HTML 23Page - Renesas Technology Corp UPD69 Datasheet HTML 24Page - Renesas Technology Corp UPD69 Datasheet HTML 25Page - Renesas Technology Corp UPD69 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 73 page
background image
20
µPD67, 67A, 68, 68A, 69
Data Sheet U14935EJ2V1DS
4. TIMER
4.1 Timer Configuration
The timer is the block used for creating a remote control transmission pattern. As shown in Figure 4-1, it consists
of a 9-bit down counter (t8 to t0), a flag (t9) permitting the 1-bit timer output, and a zero detector.
Figure 4-1. Timer Configuration
S1/LED
REM
Carrier
synchronous
circuit
Carrier signal
Zero detector
9-bit down counter
t9
t8
t7
t6
t5
t4
t3
t2
t1
t0
T
T1
fX/64
Timer operation end signal
(HALT #
×101B release
signal)
Count
clock
T0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com