Electronic Components Datasheet Search
  English  ▼

X  

ICP2840 Datasheet(PDF) 3 Page - Microchip Technology

Part # ICP2840
Description  27.5 – 31 GHz 9W GaN PA MMIC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ICP2840 Datasheet(HTML) 3 Page - Microchip Technology

  ICP2840 Datasheet HTML 1Page - Microchip Technology ICP2840 Datasheet HTML 2Page - Microchip Technology ICP2840 Datasheet HTML 3Page - Microchip Technology ICP2840 Datasheet HTML 4Page - Microchip Technology ICP2840 Datasheet HTML 5Page - Microchip Technology ICP2840 Datasheet HTML 6Page - Microchip Technology ICP2840 Datasheet HTML 7Page - Microchip Technology ICP2840 Datasheet HTML 8Page - Microchip Technology ICP2840 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
1.
Electrical Specifications
1.1
Typical Electrical Performance
Table 1-1. Electrical Specifications
Parameter
Min
Typical Max
Units
Conditions(1)
Frequency Range
27.5
31
GHz
Saturated Output Power, Psat
37
39.5
dBm
Pin = 24 dBm
Power Added Efficiency, PAE
22
%
Pin = 24 dBm
Small Signal Gain, S21
22
dB
Input Return Loss
–15
dB
Output Return Loss
–15
dB
Power Detector Range
20
39
dBm
Temperature reference diode provided
(1) Test conditions unless otherwise stated CW, VD = 24V, IDQ = 110 mA ,VG~ –1.84V typical, TA = 25 ºC
Table 1-2. Recommended Operating Conditions
Parameters
Value
Drain Voltage (VD)
20V – 24V
Drain Quiescent Current (IDQ)
100 mA – 224 mA
Gate Voltage Range (VG)
–2V to –1.5V
Operating Temperature (TA)
–40 °C to +85 °C
1.2
Absolute Maximum Ratings
Table 1-3. Thermal and Reliability
Parameters
Value
Thermal resistance
4.9 ºC/W
Notes
1.
Assumes silver sintered epoxy attach (20 µm thick) mounted on CuMo carrier.
2.
Base temperature is assumed at the top of the CuMo carrier
3.
Thermal resistance calculated using IR measurement of the channel temperature
Table 1-4. Absolute Maximum Ratings
Parameters
Absolute Maximum
Drain voltage (VDG)
32V
Gate voltage range (VG
–5V to 0V
Drain current (ID)
3A
ICP2840
Electrical Specifications
© 2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS-00004072B-page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com