Electronic Components Datasheet Search
  English  ▼

X  

ICP2840 Datasheet(PDF) 14 Page - Microchip Technology

Part # ICP2840
Description  27.5 – 31 GHz 9W GaN PA MMIC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ICP2840 Datasheet(HTML) 14 Page - Microchip Technology

Back Button ICP2840 Datasheet HTML 10Page - Microchip Technology ICP2840 Datasheet HTML 11Page - Microchip Technology ICP2840 Datasheet HTML 12Page - Microchip Technology ICP2840 Datasheet HTML 13Page - Microchip Technology ICP2840 Datasheet HTML 14Page - Microchip Technology ICP2840 Datasheet HTML 15Page - Microchip Technology ICP2840 Datasheet HTML 16Page - Microchip Technology ICP2840 Datasheet HTML 17Page - Microchip Technology ICP2840 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
3.
Application Circuits
Figure 3-1. Application Circuits
Component ID
Value
Description
C1-C8
100 pF
50V ±20% Single Layer Chip Capacitor (500U01A101MT4W)
C9-C12
10 nF
100V ±20% Single Layer Chip Capacitor (V30BZ103M1SX)
C13-C16
10 nF
50V ±5% 0402 Multilayer Ceramic Capacitor
C17-C20
10 µF
35V ±10% 0805 Multilayer Ceramic Capacitor
R1, R2
100 kΩ
±5% 0402 Resistor
ICP2840
Application Circuits
© 2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS-00004072B-page 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com