Electronic Components Datasheet Search
  English  ▼

X  

ICP2840 Datasheet(PDF) 16 Page - Microchip Technology

Part # ICP2840
Description  27.5 – 31 GHz 9W GaN PA MMIC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ICP2840 Datasheet(HTML) 16 Page - Microchip Technology

Back Button ICP2840 Datasheet HTML 12Page - Microchip Technology ICP2840 Datasheet HTML 13Page - Microchip Technology ICP2840 Datasheet HTML 14Page - Microchip Technology ICP2840 Datasheet HTML 15Page - Microchip Technology ICP2840 Datasheet HTML 16Page - Microchip Technology ICP2840 Datasheet HTML 17Page - Microchip Technology ICP2840 Datasheet HTML 18Page - Microchip Technology ICP2840 Datasheet HTML 19Page - Microchip Technology ICP2840 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
1.
Turn off RF.
2.
Turn off VD, allow drain capacitor to discharge.
3.
Turn off VG.
Handling Procedures
Please observe the following precautions to avoid damage:
Static Sensitivity
Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper
ESD control techniques should be used when handling these devices. Class 1A HBM (250V – 500V) ESD
Classification is anticipated.
ICP2840
Application Circuits
© 2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS-00004072B-page 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com