Electronic Components Datasheet Search
  English  ▼

X  

ICP2840 Datasheet(PDF) 1 Page - Microchip Technology

Part # ICP2840
Description  27.5 – 31 GHz 9W GaN PA MMIC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ICP2840 Datasheet(HTML) 1 Page - Microchip Technology

  ICP2840 Datasheet HTML 1Page - Microchip Technology ICP2840 Datasheet HTML 2Page - Microchip Technology ICP2840 Datasheet HTML 3Page - Microchip Technology ICP2840 Datasheet HTML 4Page - Microchip Technology ICP2840 Datasheet HTML 5Page - Microchip Technology ICP2840 Datasheet HTML 6Page - Microchip Technology ICP2840 Datasheet HTML 7Page - Microchip Technology ICP2840 Datasheet HTML 8Page - Microchip Technology ICP2840 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
ICP2840
27.5 – 31 GHz 9W GaN PA MMIC
Product Overview
Microchip’s ICP2840 is a Ka Band MMIC power amplifier fabricated using GaN SiC technology. It achieves 39.5 dBm
saturated output power from 27.5 – 31 GHz, with 22% PAE and 22 dB small signal gain. The balanced topology
provides excellent broadband input and output match to 50Ω and DC blocking capacitors ensure simple integration.
Excellent linearity characteristics make ICP2840 well suited to applications in Satellite Communications. The die are
100% DC and RF tested on wafer ensuring compliance to the electrical specifications.
Key Features
Functional Block Diagram
• Frequency range: 27.5 – 31 GHz
• Pout: 39.5 dBm (Pin = 24 dBm)
• PAE: 22% (Pin = 24 dBm)
• Small Signal Gain: 22 dB (28 GHz)
• Return Loss: 15 dB
• Drain Bias 24V, IDQ = 112 mA – 224 mA
• Technology: GaN on SiC
• Lead-free and RoHS compliant
• Dimensions: 3.025 mm × 3.405 mm × 0.10 mm
VG
VG
VG
VD
VD
VD
RF IN
RF OUT
VG
VG
VG
VD
VD
VD
50Ω
50Ω
Applications
• Satellite Communications
• Aerospace & Defense
• 5G
Typical Performances
Parameter
Typical
Units
Conditions1
Frequency range
27.5 – 31
GHz
Saturated Output Power, Psat
39.5
dBm
Pin = 24 dBm
Power Added Efficiency, PAE
22
%
Pin = 24 dBm
Small Signal Gain, S21
22
dB
Input Return Loss
–15
dB
Output Return Loss
–15
dB
Note: 
1.
Test conditions unless otherwise stated CW, VD = 24V, IDQ = 110 mA ,VG~ –1.84V typical, TA = 25 ºC
© 2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS-00004072B-page 1


Similar Part No. - ICP2840

ManufacturerPart #DatasheetDescription
logo
Rohm
ICP ROHM-ICP Datasheet
95Kb / 1P
ICP
logo
TDK Electronics
ICP-10111 TDK-ICP-10111 Datasheet
995Kb / 31P
High Accuracy, Low Power, Barometric Pressure and Temperature Sensor IC
Revision: 1.3
logo
Rohm
ICP-F10 ROHM-ICP-F10 Datasheet
95Kb / 1P
ICP
ICP-F10WH ROHM-ICP-F10WH Datasheet
95Kb / 1P
ICP
ICP-F15 ROHM-ICP-F15 Datasheet
95Kb / 1P
ICP
More results

Similar Description - ICP2840

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2595-CP TRIQUINT-TGA2595-CP_15 Datasheet
497Kb / 13P
27.5 to 31 GHz, 8 W GaN Power Amplifier
TGA2595 TRIQUINT-TGA2595 Datasheet
701Kb / 13P
27.5 to 31GHz, 9W Power Amplifier
logo
Qorvo, Inc
QPA2211D QORVO-QPA2211D Datasheet
616Kb / 22P
27.5 ??31 GHz 14 Watt GaN Power Amplifier
QPA2211 QORVO-QPA2211 Datasheet
692Kb / 22P
27.5 ??31 GHz 10 W GaN Power Amplifier
TGA2594-HM QORVO-TGA2594-HM Datasheet
786Kb / 15P
27 ??31 GHz GaN Power Amplifier
TGA2595-CP QORVO-TGA2595-CP Datasheet
556Kb / 14P
27.5 ??31 GHz 8 W GaN Power Amplifier
logo
Microchip Technology
GMICP2731-10 MICROCHIP-GMICP2731-10 Datasheet
788Kb / 22P
27.5 ??31 GHz 9W GaN PA MMIC
2021
logo
Qorvo, Inc
QPA2212D QORVO-QPA2212D Datasheet
628Kb / 22P
27.5 ??31 GHz 25 Watt GaN Power Amplifier
April 2020
logo
Microchip Technology
ICP1040P MICROCHIP-ICP1040P Datasheet
6Mb / 23P
7.9-11GHz 12W GaN PA MMIC
Rev E
ICP1240 MICROCHIP-ICP1240 Datasheet
937Kb / 17P
6-18GHz 10W GaN PA MMIC
Rev F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com