Electronic Components Datasheet Search
  English  ▼

X  

PI7C8150AND Datasheet(PDF) 52 Page - Pericom Semiconductor Corporation

Part # PI7C8150AND
Description  2-PORT PCI-to-PCI BRIDGE
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150AND Datasheet(HTML) 52 Page - Pericom Semiconductor Corporation

Back Button PI7C8150AND Datasheet HTML 48Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 49Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 50Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 51Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 52Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 53Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 54Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 55Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 56Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 111 page
background image
PI7C8150A
2-PORT PCI-TO-PCI BRIDGE
Page 52 of 111
APRIL 2006 – Revision 1.1
PI7C8150A does not have a hardware mechanism to guarantee data synchronization for
posted write transactions. Therefore, all posted write transactions must be followed by a
read operation, either from the device to the location just written (or some other location
along the same path), or from the device driver to one of the device registers.
6
ERROR HANDLING
PI7C8150A checks, forwards, and generates parity on both the primary and secondary
interfaces. To maintain transparency, PI7C8150A always tries to forward the existing
parity condition on one bus to the other bus, along with address and data. PI7C8150A
always attempts to be transparent when reporting errors, but this is not always possible,
given the presence of posted data and delayed transactions.
To support error reporting on the PCI bus, PI7C8150A implements the following:
PERR_L and SERR_L signals on both the primary and secondary interfaces
Primary status and secondary status registers
The device-specific P_SERR_L event disable register
This chapter provides detailed information about how PI7C8150A handles errors.
It also describes error status reporting and error operation disabling.
6.1
ADDRESS PARITY ERRORS
PI7C8150A checks address parity for all transactions on both buses, for all address and all
bus commands. When PI7C8150A detects an address parity error on the primary interface,
the following events occur:
If the parity error response bit is set in the command register, PI7C8150A does not
claim the transaction with P_DEVSEL_L; this may allow the transaction to terminate
in a master abort. If parity error response bit is not set, PI7C8150A proceeds normally
and accepts the transaction if it is directed to or across PI7C8150A.
PI7C8150A sets the detected parity error bit in the status register.
PI7C8150A asserts P_SERR_L and sets signaled system error bit in the status register,
if both the following conditions are met:
The SERR_L enable bit is set in the command register.
The parity error response bit is set in the command register.
When PI7C8150A detects an address parity error on the secondary interface, the following
events occur:
06-0057



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com