Electronic Components Datasheet Search
  English  ▼

X  

PI7C8150AND Datasheet(PDF) 81 Page - Pericom Semiconductor Corporation

Part # PI7C8150AND
Description  2-PORT PCI-to-PCI BRIDGE
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150AND Datasheet(HTML) 81 Page - Pericom Semiconductor Corporation

Back Button PI7C8150AND Datasheet HTML 77Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 78Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 79Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 80Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 81Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 82Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 83Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 84Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 85Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 111 page
background image
PI7C8150A
2-PORT PCI-TO-PCI BRIDGE
Page 81 of 111
APRIL 2006 – Revision 1.1
14.1.9
HEADER TYPE REGISTER – OFFSET 0Ch
Bit
Function
Type
Description
23:16
Header Type
R/O
Read as 01h to indicate that the register layout conforms to the
standard PCI-to-PCI bridge layout.
14.1.10
PRIMARY BUS NUMBER REGISTSER – OFFSET 18h
Bit
Function
Type
Description
7:0
Primary Bus
Number
R/W
Indicates the number of the PCI bus to which the primary interface
is connected. The value is set in software during configuration.
Reset to 0
14.1.11
SECONDARY BUS NUMBER REGISTER – OFFSET 18h
Bit
Function
Type
Description
15:8
Secondary Bus
Number
R/W
Indicates the number of the PCI bus to which the secondary
interface is connected. The value is set in software during
configuration.
Reset to 0
14.1.12
SUBORDINATE BUS NUMBER REGISTER – OFFSET 18h
Bit
Function
Type
Description
23:16
Subordinate Bus
Number
R/W
Indicates the number of the PCI bus with the highest number that is
subordinate to the bridge. The value is set in software during
configuration.
Reset to 0
14.1.13
SECONDARY LATENCY TIMER REGISTER – OFFSET 18h
Bit
Function
Type
Description
31:24
Secondary
Latency Timer
R/W
Designated in units of PCI bus clocks. Latency timer checks for
master accesses on the secondary bus interfaces that remain
unclaimed by any target.
Reset to 0
14.1.14
I/O BASE REGISTER – OFFSET 1Ch
Bit
Function
Type
Description
3:0
32-bit Indicator
R/O
Read as 01h to indicate 32-bit I/O addressing
06-0057



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com