Electronic Components Datasheet Search
  English  ▼

X  

115V Datasheet(PDF) 4 Page - ATTEND Technology Inc.

Part # 115V
Description  Nano SIM Socket, Hinge Type, 6Pin 10u” Reel
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

115V Datasheet(HTML) 4 Page - ATTEND Technology Inc.

  115V Datasheet HTML 1Page - ATTEND Technology Inc. 115V Datasheet HTML 2Page - ATTEND Technology Inc. 115V Datasheet HTML 3Page - ATTEND Technology Inc. 115V Datasheet HTML 4Page - ATTEND Technology Inc. 115V Datasheet HTML 5Page - ATTEND Technology Inc. 115V Datasheet HTML 6Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
The information contained herein is exclusive property of Attend. Do not copy and print except that Attend
accepts. 本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
-4 -
Test Group & Sequence:
NO.
TEST ITEM
TEST GROUP & SEQUENCE
A
B
C
D
E
F
G
H
I
1
Examination of Product
1,3,9
1,3,7
1,3,7
1,3,7
1,3,7
1,3,7
1,3,9
1,3
1,3
2
Low
Level
Contact
Resistance
4,8
4,6
4,6
4,6
4,6
3
Dielectric
Withstanding
Voltage
4,7
4
Insulation Resistance
5,8
5
Contact Normal Force
5,7
6
Terminal Durability
6
7
Cover Open & Lock Force
4,6
8
Cover
Open
&
Lock
Durability
5
9
Vibration
5
10
Mechanical Shock
5
11
Temperature Life
5
12
Cold Resistance
5
13
Humidity
6
14
Salt Water Spray
2
15
Solder Ability
2
16
Reflow
Soldering
Heat
Resistance
2
2
2
2
2
2
2
Quantities of Samples
4
4
4
4
4
4
4
4
4
Test Results:
Group A
No.
Test item
Sample 1
Sample 2
Sample 3
Sample 4
1
Examination of Product
OK
OK
OK
OK
2
Reflow Soldering Heat
Resistance
No damage
No damage
No damage
No damage
3
Examination of Product
OK
OK
OK
OK
4
Low Level Contact Resistance
8.7~9Ω
8.5~9.5Ω
8.8~9.2Ω
8.4~8.8Ω
5
Contact Normal Force
1.17~1.36N
1.22~1.29N
1.22~1.28N
1.19~1.26N
6
Terminal Durability
No damage
No damage
No damage
No damage
7
Contact Normal Force
1.08~1.2N
1.1~1.15N
1.1~1.15N
1.07~1.15N
8
Low Level Contact Resistance
11.4~11.8Ω
11.2~12Ω
11.8~12.1Ω
11.6~11.7Ω
9
Examination of Product
OK
OK
OK
OK
Group B
No.
Test item
Sample 1
Sample 2
Sample 3
Sample 4
1
Examination of Product
OK
OK
OK
OK
2
Reflow Soldering Heat
Resistance
No damage
No damage
No damage
No damage
3
Examination of Product
OK
OK
OK
OK
4
Cover Open & Lock Force
Open 5.8N
Open 5.6N
Open 5.7N
Open 5.7N



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com