Electronic Components Datasheet Search
  English  ▼

X  

115V Datasheet(PDF) 2 Page - ATTEND Technology Inc.

Part # 115V
Description  Nano SIM Socket, Hinge Type, 6Pin 10u” Reel
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

115V Datasheet(HTML) 2 Page - ATTEND Technology Inc.

  115V Datasheet HTML 1Page - ATTEND Technology Inc. 115V Datasheet HTML 2Page - ATTEND Technology Inc. 115V Datasheet HTML 3Page - ATTEND Technology Inc. 115V Datasheet HTML 4Page - ATTEND Technology Inc. 115V Datasheet HTML 5Page - ATTEND Technology Inc. 115V Datasheet HTML 6Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
The information contained herein is exclusive property of Attend. Do not copy and print except that Attend
accepts. 本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
-2 -
Dielectric Withstanding
Voltage
No Broken
500V AC (rms.) between two adjacent for 1
minute.
(Trip current:1mA) (Per EIA-364-20)
Insulation Resistance
1000MΩ Min.
Apply 500V DC between adjacent contacts, or
contact and ground. (EIA-364-21)
MECHANICAL
Item
Requirement
Test Condition
Contact Normal Force
0.3N Min./Pin
Solder connectors to PCB, unlock the shell and
open it to full level, measure contact normal
force at the speed rate of 1 mm/min.
Terminal Durability
5000 cycles,
Final Contact Normal Force
0.3N min.
Solder connectors to PCB, insert the card into
the shell and close the shell, press the shell to
5000 times, press rate 10 times/min. max.
Open & Lock Force
1.5N~20N with card
Solder connectors to PCB, parallel to push on
the shell surface for open & lock
Open & Lock Durability
100 Cycles,
Final Lock Force: 1.5N Min.
with card
Solder connectors to PCB, insert the card into
the shell and close the shell. Operate loop of
shell, 1)unlock 2) open it to full level 3)close it
4) press and lock
ENVIRONMENTAL
Item
Requirement
Test Condition
Vibration
Discontinuity < 1 ms
EN60721-3-5 Class 5M3 Random vibration
Test (3.38Grms) 10~500Hz, 3.38Grms,
1hr/per axis
Test PSD: 10~200HZ: 3m²/S³, 200~500Hz,
1m²/S³ or EIA-364-28, Condition II
Shock
Discontinuity < 1 ms
EN60721-3-5 Class 5M3 Shock Test-Level II
(100G/6ms) or EIA-364-27, Condition C
Temperature Life
Contact resistance 100 mΩ
Max.
105±2°C
Test procedure method B: with electrical load
for connectors, duration 96 hours
(EIA-364-17, method B, condition 4)
Cold Resistance
Contact resistance 100 mΩ
Max.
-40°C/96Hr
(EIA-364-59)
Humidity
Meets ELECTRICAL
requirements
Temperature:70±2°C
Relative humidity:90~95%
Duration:96 hours
Salt Water Spray
No oxidation
Contact resistance 100 mΩ
Max.
Temperature:35±2°C
Salt water density:5±1%
Duration:48 hours
SOLDER ABILITY



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com