Electronic Components Datasheet Search
  English  ▼

X  

115V Datasheet(PDF) 5 Page - ATTEND Technology Inc.

Part # 115V
Description  Nano SIM Socket, Hinge Type, 6Pin 10u” Reel
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

115V Datasheet(HTML) 5 Page - ATTEND Technology Inc.

  115V Datasheet HTML 1Page - ATTEND Technology Inc. 115V Datasheet HTML 2Page - ATTEND Technology Inc. 115V Datasheet HTML 3Page - ATTEND Technology Inc. 115V Datasheet HTML 4Page - ATTEND Technology Inc. 115V Datasheet HTML 5Page - ATTEND Technology Inc. 115V Datasheet HTML 6Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
The information contained herein is exclusive property of Attend. Do not copy and print except that Attend
accepts. 本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
-5 -
Lock 4.7N
Lock 4.3N
Lock 4.2N
Lock 4.3N
5
Cover Open & Lock Durability
No damage
No damage
No damage
No damage
6
Cover Open & Lock Force
Open 5N
Lock 4.5N
Open 4.4N
Lock 4.1N
Open 4.5N
Lock 4.0N
Open 4.7N
Lock 4.2N
7
Examination of Product
OK
OK
OK
OK
Group C
No.
Test item
Sample 1
Sample 2
Sample 3
Sample 4
1
Examination of Product
OK
OK
OK
OK
2
Reflow Soldering Heat
Resistance
No damage
No damage
No damage
No damage
3
Examination of Product
OK
OK
OK
OK
4
Low Level Contact Resistance
C1C5: 11.7Ω
C2C6: 11.42Ω
C3C7: 20.16Ω
C1C5: 14.79Ω
C2C6: 12.93Ω
C3C7: 11.4Ω
C1C5: 20.43Ω
C2C6: 18.81Ω
C3C7: 16.94Ω
C1C5: 18.17Ω
C2C6: 16.86Ω
C3C7: 9.37Ω
5
Vibration
Pass
Pass
Pass
Pass
6
Low Level Contact Resistance
C1C5: 12.9Ω
C2C6: 9.79Ω
C3C7: 10.31Ω
C1C5: 18.86Ω
C2C6: 16.7Ω
C3C7: 21.04Ω
C1C5: 16.08Ω
C2C6: 16.53Ω
C3C7: 11.18Ω
C1C5: 29.6Ω
C2C6: 15.71Ω
C3C7: 13.02Ω
7
Examination of Product
OK
OK
OK
OK
Group D
No.
Test item
Sample 1
Sample 2
Sample 3
Sample 4
1
Examination of Product
OK
OK
OK
OK
2
Reflow Soldering Heat
Resistance
No damage
No damage
No damage
No damage
3
Examination of Product
OK
OK
OK
OK
4
Low Level Contact Resistance
C1C5: 21.15Ω
C2C6: 18.85Ω
C3C7: 10.89Ω
C1C5: 9.5Ω
C2C6: 17.56Ω
C3C7: 23.74Ω
C1C5: 12.75Ω
C2C6: 12.73Ω
C3C7: 17.46Ω
C1C5: 21.37Ω
C2C6: 18.12Ω
C3C7: 14.75Ω
5
Mechanical Shock
Pass
Pass
Pass
Pass
6
Low Level Contact Resistance
C1C5: 5.09Ω
C2C6: 21.3Ω
C3C7: 11.28Ω
C1C5: 16.74Ω
C2C6: 15.4Ω
C3C7: 13.68Ω
C1C5: 10.53Ω
C2C6: 13.83Ω
C3C7: 14.71Ω
C1C5: 9.66Ω
C2C6: 11.35Ω
C3C7: 7.54Ω
7
Examination of Product
OK
OK
OK
OK
Group E
No.
Test item
Sample 1
Sample 2
Sample 3
Sample 4
1
Examination of Product
OK
OK
OK
OK
2
Reflow Soldering Heat
Resistance
No damage
No damage
No damage
No damage
3
Examination of Product
OK
OK
OK
OK
4
Low Level Contact Resistance
C7-C3: 21Ω
C7-C3: 18.24Ω
C7-C3: 19.64Ω
C7-C3: 20.45Ω
C6-C2: 18.83Ω
C6-C2: 17.23Ω
C6-C2: 21.61Ω
C6-C2: 18.76Ω
C5-C1: 19.13Ω
C5-C1: 18.35Ω
C5-C1: 21.01Ω
C5-C1: 18.67Ω
GND: 35.7Ω
GND: 36.03Ω
GND: 36.59Ω
GND: 35.38Ω
5
Temperature Life
Pass
Pass
Pass
Pass
6
Low Level Contact Resistance
C7-C3: 18.9Ω
C7-C3: 18.6Ω
C7-C3: 20.8Ω
C7-C3: 27.89Ω
C6-C2: 17.12Ω
C6-C2: 17.48Ω
C6-C2: 22.32Ω
C6-C2: 23.84Ω
C5-C1: 17.37Ω
C5-C1: 18.47Ω
C5-C1: 21.42Ω
C5-C1: 21.69Ω
GND: 35.9Ω
GND: 35.94Ω
GND: 37.41Ω
GND: 37.24Ω
7
Examination of Product
OK
OK
OK
OK
Group F
No.
Test item
Sample 1
Sample 2
Sample 3
Sample 4
1
Examination of Product
OK
OK
OK
OK
2
Reflow Soldering Heat
Resistance
No damage
No damage
No damage
No damage
3
Examination of Product
OK
OK
OK
OK



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com