Electronic Components Datasheet Search
  English  ▼

X  

115V Datasheet(PDF) 1 Page - ATTEND Technology Inc.

Part # 115V
Description  Nano SIM Socket, Hinge Type, 6Pin 10u” Reel
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

115V Datasheet(HTML) 1 Page - ATTEND Technology Inc.

  115V Datasheet HTML 1Page - ATTEND Technology Inc. 115V Datasheet HTML 2Page - ATTEND Technology Inc. 115V Datasheet HTML 3Page - ATTEND Technology Inc. 115V Datasheet HTML 4Page - ATTEND Technology Inc. 115V Datasheet HTML 5Page - ATTEND Technology Inc. 115V Datasheet HTML 6Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
The information contained herein is exclusive property of Attend. Do not copy and print except that Attend
accepts. 本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
-1 -
SPECIFICATION AND PERFORMANCE
Series
115V
File
115V-Spec
Date
2019/08/13
Scope:
This specification covers the requirements for product performance, test methods and
quality assurance provisions of below
P/N
Descriptions
115V-AD00
Nano SIM Socket, Hinge Type, 6Pin 10u” Reel
Performance and Descriptions:
The product is designed to meet the electrical, mechanical and environmental performance
requirements specification. Unless otherwise specified, all tests are performed at ambient
environmental conditions.
RoHS:
All material in according with the RoHS environment related substances list controlled.
MATERIALS
NO.
PART NAME
DESCRIPTION
1
Insulator
LCP S475, UL94V0, black
2
Contact
Copper alloy C5210, 0.15t, Gold plating on contact area (see P/N
description), Gold flash on solder area, under plating 50u” Min. Nickel
3
Cover
Stainless Steel SUS304, 0.20t
4
Ground
Stainless Steel SUS304, 0.20t, Gold flash on solder area, under plating 50u”
Min. Nickel
RATING
Rated Voltage
10V
Rated Current
0.5A
Operating Temperature
-40°C to +105°C
Storage Temperature
-40°C to +105°C
Durability
100 cycles
ELECTRICAL
Item
Requirement
Test Condition
Low Level Contact
Resistance
Initial 50mΩ Max.
After test 100mΩ Max.
Solder connectors to PCB and insert dummy
card into shell, measure by applying closed
circuit current of 10mA maximum at open
circuit voltage of 20mV (max). (Per EIA-364-
23)


Similar Part No. - 115V

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
115 CTS-115 Datasheet
1Mb / 4P
Commercial 3/4 (19.05mm) diameter, 2 watt variable resistor
logo
Honeywell Solid State E...
115 HONEYWELL-115 Datasheet
736Kb / 11P
Temperature Sensors Line Guide
logo
Aries Electronics, Inc.
115 ARIES-115 Datasheet
300Kb / 1P
Point-to-point Wiring
logo
Fluke Corporation
115 FLUKE-115 Datasheet
1Mb / 2P
Resistance, continuity, frequency, capacitance, and diode test
logo
Alpha Wire
115 ALPHAWIRE-115 Datasheet
100Kb / 4P
Customer Specifications
8/29/2022
More results

Similar Description - 115V

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
693022010811 WURTH-693022010811 Datasheet
748Kb / 3P
MICRO SIM - HINGE TYPE - 8 PINS
693043020611 WURTH-693043020611 Datasheet
452Kb / 3P
NANO SIM - PUSH & PULL TYPE - 6 PINS
logo
Global Connector Techno...
SIM8060 GCT-SIM8060 Datasheet
263Kb / 4P
Nano SIM Card Connector Hinged Type,SMT,6Pin, 1.43mm Profile
6th September 2018
logo
VITALCONN ELECTRONICS H...
VTC102030942 VITALCONN-VTC102030942 Datasheet
421Kb / 2P
MICRO-SIM PUSH 6PIN 1.35H
REV: A
logo
ATTEND Technology Inc.
115A ATTEND-115A Datasheet
328Kb / 4P
SIM Card Socket , Push-Push Type, 82 Pin, 10u”, Reel, w/switch, (w/Logo)
2022/03/04
115S-BS00 ATTEND-115S-BS00 Datasheet
319Kb / 5P
Nano SIM Socket, Dual Card Tray Eject Type, 30u"
2021/04/21
115S ATTEND-115S Datasheet
523Kb / 8P
Nano SIM Card Socket, Bar Push, 8u" Gold
2019/01/21
115U-A101 ATTEND-115U-A101 Datasheet
319Kb / 5P
Nano SIM Socket, 6 Pin, Tray-Push Push, Lock, G/F, 700 Reel
2022/07/27
115U-B100 ATTEND-115U-B100 Datasheet
319Kb / 5P
Dual Nano SIM Socket, Tray-Push Push, Lock w/Switch, G/F, Reel
2021/12/27
115U ATTEND-115U Datasheet
301Kb / 4P
6P Nano SIM Socket, Push-Pull Type, 1.3H, 10u" Gold Plating
2021/1/27
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com