Electronic Components Datasheet Search
  English  ▼

X  

MPQ3324 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MPQ3324
Description  8-Channel, 100mA/Ch, LED Driver with Separated PWM Analog Dimming and I2C Interface, AEC-Q100
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ3324 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MPQ3324 Datasheet HTML 1Page - Monolithic Power Systems MPQ3324 Datasheet HTML 2Page - Monolithic Power Systems MPQ3324 Datasheet HTML 3Page - Monolithic Power Systems MPQ3324 Datasheet HTML 4Page - Monolithic Power Systems MPQ3324 Datasheet HTML 5Page - Monolithic Power Systems MPQ3324 Datasheet HTML 6Page - Monolithic Power Systems MPQ3324 Datasheet HTML 7Page - Monolithic Power Systems MPQ3324 Datasheet HTML 8Page - Monolithic Power Systems MPQ3324 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
MPQ3324
– 8-CH LED DRIVER WITH I2C AND PWM AND ANALOG DIMMING, AEC-Q100
MPQ3324 Rev. 1.0
MonolithicPower.com
2
2/18/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
TYPICAL APPLICATION
VIN
RFSH
/FLT
EN
SDA
SCL
VIN
RFSH
/FLT
EN
SCL
SDA
ISET
MPQ3324
LED1
–8
GND ADDR
Figure 1: Typical Application Circuit
MPQ3324
SW
FB
I
2C SCL/SDA
VBATT
MPQ3324
RADDR
R1
R2
RADDR
RADDR
5V
/FLT
RSET
RSET
RSET
Figure 2: System Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com