Electronic Components Datasheet Search
  English  ▼

X  

MPQ3324 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MPQ3324
Description  8-Channel, 100mA/Ch, LED Driver with Separated PWM Analog Dimming and I2C Interface, AEC-Q100
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ3324 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MPQ3324 Datasheet HTML 7Page - Monolithic Power Systems MPQ3324 Datasheet HTML 8Page - Monolithic Power Systems MPQ3324 Datasheet HTML 9Page - Monolithic Power Systems MPQ3324 Datasheet HTML 10Page - Monolithic Power Systems MPQ3324 Datasheet HTML 11Page - Monolithic Power Systems MPQ3324 Datasheet HTML 12Page - Monolithic Power Systems MPQ3324 Datasheet HTML 13Page - Monolithic Power Systems MPQ3324 Datasheet HTML 14Page - Monolithic Power Systems MPQ3324 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
MPQ3324
– 8-CH LED DRIVER WITH I2C AND PWM AND ANALOG DIMMING, AEC-Q100
MPQ3324 Rev. 1.0
MonolithicPower.com
11
2/18/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
OPERATION
The MPQ3324 applies 8 internal current sources
in each LED string terminal. The LED current of
the channels are set via an external current-
setting resistor. The maximum current is 100mA.
Enable and Start-Up
When the input voltage exceeds the under-
voltage lockout (UVLO) threshold, and EN
exceeds the rising threshold, the MPQ3324
operates in standby mode, and the I2C is active.
After setting the I2C register, pull the EN bit high
to start up the system. The start-up sequence is
listed below:
1. VIN
2. EN
3. I2C setting
4. Set the EN bit
Channel Selection
Channels can be disabled by setting the
corresponding CHxEN (e.g. x = 1, 2, ..., 8) bit low,
or by connecting the channel to GND.
Dimming
Each channel has its own 6-bit analog dimming
register and 12-bit PWM dimming register. The
MPQ3324 can use analog dimming and PWM
dimming for each channel.
In analog dimming, the LED current amplitude
changes when the analog dimming register
changes. Change the ICHx (e.g. x = 1, 2, ..., 8)
bit to set analog dimming for the corresponding
channel. The LED current (ILED) can be estimated
with Equation (1):
LED
ICHx
I
ISET
63

(1)
Where ICHx sets the analog dimming code for
the channel. If ICHx = 0, ILED is 0A.
In PWM dimming, the LED current is a PWM
waveform. The LED current amplitude stays the
same, and the LED current duty varies with the
PWM dimming register.
The PWM dimming duty is set by PWMx (e.g. x
= 1, 2, ..., 8). The duty (D) can be calculated with
Equation (2):
PWMx
D
4095
(2)
Where PWMx is the PWM dimming duty code for
each corresponding channel. The duty changes
only when the 8MSB of the PWM duty register is
written. When PWMx = 0, the corresponding ILED
is 0A.
The PWM dimming frequency can be selected
via register FPWM1:0. The potential frequencies
are listed below:
 FPWM1:0 = 00: 220Hz
 FPWM1:0 = 01: 250Hz (default)
 FPWM1:0 = 10: 280Hz
 FPWM1:0 = 11: 330Hz
To avoid a glitch during normal operation, the
following conditions must be met:
 Change the FPWM1:0 value only when the
EN bit is set 0.
 Write the FPWM register and wait for a 10µs
delay before writing to other registers.
Phase Shift
A channel-by-channel phase shift function can
be implemented. This function is enabled by
setting the PS_EN bit high.
When the phase shift function is enabled, the
channel x + 1 (e.g. x = 1, 2, ..., 7) LED current
rising edge is delayed for 80
μs after channel x’s
LED current rising edge.
SYNC Output for the LCD Refresh Frequency
The fault indicator function can be enabled by
the FLTEN bit.
If FLTEN = 0, the fault indicator function is
disabled.
RFSH/FLT
maintains
the
output
refresh signal, even if a protection is triggered.
If FLTEN = 1, the fault indicator function is
enabled, and the RFSH/FLT pin is pulled low if a
protection occurs. Table 1 shows the details of
the RFSH/FLT pin
’s output status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com