Electronic Components Datasheet Search
  English  ▼

X  

MPQ3324 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MPQ3324
Description  8-Channel, 100mA/Ch, LED Driver with Separated PWM Analog Dimming and I2C Interface, AEC-Q100
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ3324 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MPQ3324 Datasheet HTML 8Page - Monolithic Power Systems MPQ3324 Datasheet HTML 9Page - Monolithic Power Systems MPQ3324 Datasheet HTML 10Page - Monolithic Power Systems MPQ3324 Datasheet HTML 11Page - Monolithic Power Systems MPQ3324 Datasheet HTML 12Page - Monolithic Power Systems MPQ3324 Datasheet HTML 13Page - Monolithic Power Systems MPQ3324 Datasheet HTML 14Page - Monolithic Power Systems MPQ3324 Datasheet HTML 15Page - Monolithic Power Systems MPQ3324 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
MPQ3324
– 8-CH LED DRIVER WITH I2C AND PWM AND ANALOG DIMMING, AEC-Q100
MPQ3324 Rev. 1.0
MonolithicPower.com
12
2/18/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
Table 1: RFSH/FLT Pin Output Status
FLTEN
RFSH/FLT Pin Output
FRFSH9:0 = 0x000
FRFSH9:0 = 0x001~0x3FF
No fault
condition
Fault
condition
No fault
condition
Fault condition
1
Externally
pulled high
Low
Rectangle
signal
Low
0
Externally pulled high
Rectangle signal
The refresh signal frequency is set by FRFSH9:0.
If FRFSH9:0 = 0x000, then the RFSH/FLT pin
outputs high. If FRFSH9:0 = 0x001~0x3FF, the
RFSH/FLT pin outputs a rectangle signal. The
refresh
frequency
can
be
calculated
with
Equation (3):
127500
REFRESH
f
FRFSH9:0
(3)
Note that if FPWM1:0 = 01, the PWM dimming
frequency is 250Hz. If FRFSH9:0 = 0x000, the
RFSH/FLT pin outputs high.
The refresh frequency is also related to the PWM
dimming frequency, estimated with Equation (4):
127500
250
PWM
REFRESH
f
f
=
(Hz)
FRFSH
(4)
Where fREFRESH is the refresh frequency, FRFSH
is the value of FRFSH9:0, and fPWM is PWM
dimming frequency set by register FPWM1:0 (it
can be either 200Hz, 250Hz, 280Hz, or 330Hz).
For this equation, FRFSH9:0 > 0.
Note that all numbers in the equation have a
decimal base, and that the refresh frequency
does not change until the 8MSB are written.
The internal oscillator is divided by 8. As the
clock refreshes the frequency generation, the
FRFSH9:0 register sets the counter number (see
Figure 5).
OSC
OSC = 1.02MHz
Default
1/8
Counter
I
2C
FRFSH9:0
MPQ3324
FPWM1:0
250Hz
Default
RFSH/
FLT
SDA
SCL
Figure 5: Refresh Frequency Generation
LED Current Slew Rate Control
Changing the LED current
’s rising/falling slew
rate during PWM dimming can optimize EMI
performance. The LED current rising/falling slew
rate is controlled by SLEW1:0. The slew rate can
be set to the values listed below:
 SLEW1:0 = 00: no slew rate
 SLEW1:0 = 01: 5µs
 SLEW1:0 = 10: 10µs
 SLEW1:0 = 11: 20µs
Protections
The MP3324 employs VIN under-voltage lockout
(UVLO), LED short protection, LED open-load
protection, and thermal shutdown.
The RFSH/FLT pin is active low, open drain, and
should be pulled high to an external voltage
source.
If
a
protection
is
triggered,
the
corresponding fault bit is set, and RFSH/FLT is
pulled low.
In hiccup mode, the RFSH/FLT pin is pulled high
once the fault condition is removed.
In latch-off mode, the RFSH/FLT pin is released
if all of fault bits are read.
For LED open and short protection, hiccup mode
or latch-up mode can be selected via the LATCH
bit through the I2C.
If LATCH = 1, the MPQ3324 initiates latch-up
mode if a fault is triggered. The fault channel
stays off until VIN or EN is turned off and reset.
If LATCH = 0, the MPQ3324 operates in hiccup
mode. In this mode, the fault channel tries to
conduct for 32
μs to detect if the fault is cleared.
This process is repeated every 1ms. RFSH/FLT
is released if fault condition is removed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com