Electronic Components Datasheet Search
  English  ▼

X  

MPQ3324 Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MPQ3324
Description  8-Channel, 100mA/Ch, LED Driver with Separated PWM Analog Dimming and I2C Interface, AEC-Q100
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ3324 Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MPQ3324 Datasheet HTML 17Page - Monolithic Power Systems MPQ3324 Datasheet HTML 18Page - Monolithic Power Systems MPQ3324 Datasheet HTML 19Page - Monolithic Power Systems MPQ3324 Datasheet HTML 20Page - Monolithic Power Systems MPQ3324 Datasheet HTML 21Page - Monolithic Power Systems MPQ3324 Datasheet HTML 22Page - Monolithic Power Systems MPQ3324 Datasheet HTML 23Page - Monolithic Power Systems MPQ3324 Datasheet HTML 24Page - Monolithic Power Systems MPQ3324 Datasheet HTML 25Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
MPQ3324
– 8-CH LED DRIVER WITH I2C AND PWM AND ANALOG DIMMING, AEC-Q100
MPQ3324 Rev. 1.0
MonolithicPower.com
21
2/18/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
Channel 2 LED Current Setting
Addr: 0x10~13
Bit
Bit Name
Access
Default
Description
7:6
Reserved
R
00
Reserved.
5:0
ICH2 5:0
R/W
111111
Sets the channel 2 LED current for analog dimming, calculated
with the following equation:
LED
Code
I
=
ISET
63
Channel 2 PWM Dimming Duty Setting (LSB)
Addr: 0x11~14
Bit
Bit Name
Access
Default
Description
7:4
Reserved
R
0000
Reserved.
3:0
PWM2 3:0
R/W
1111
Sets the 4LSB for the channel 2 LED current PWM dimming
duty. The dimming duty only changes once 8MSB is written.
Channel 2 PWM Dimming Duty Setting (MSB)
Addr: 0x12~15
Bit
Bit Name
Access
Default
Description
7:0
PWM2 11:4
R/W
11111111
Sets the 8MSB for the channel 2 LED current PWM dimming
duty. The dimming duty only changes once 8MSB is written.
Channel 3 LED Current Setting
Addr: 0x16~19
Bit
Bit Name
Access
Default
Description
7:6
Reserved
R
00
Reserved.
5:0
ICH3 5:0
R/W
111111
Sets the channel 3 LED current for analog dimming, calculated
with the following equation:
LED
Code
I
=
ISET
63
Channel 3 PWM Dimming Duty Setting (LSB)
Addr: 0x17~1A
Bit
Bit Name
Access
Default
Description
7:4
Reserved
R
0000
Reserved.
3:0
PWM3 3:0
R/W
1111
Sets the 4LSB for the channel 3 LED current PWM dimming
duty. The dimming duty only changes once 8MSB is written.
Channel 3 PWM Dimming Duty Setting (MSB)
Addr: 0x18~1B
Bit
Bit Name
Access
Default
Description
7:0
PWM3 11:4
R/W
11111111
Sets the 8MSB for the channel 3 LED current PWM dimming
duty. The dimming duty only changes once 8MSB is written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com