Electronic Components Datasheet Search
  English  ▼

X  

MPQ3324 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MPQ3324
Description  8-Channel, 100mA/Ch, LED Driver with Separated PWM Analog Dimming and I2C Interface, AEC-Q100
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ3324 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MPQ3324 Datasheet HTML 9Page - Monolithic Power Systems MPQ3324 Datasheet HTML 10Page - Monolithic Power Systems MPQ3324 Datasheet HTML 11Page - Monolithic Power Systems MPQ3324 Datasheet HTML 12Page - Monolithic Power Systems MPQ3324 Datasheet HTML 13Page - Monolithic Power Systems MPQ3324 Datasheet HTML 14Page - Monolithic Power Systems MPQ3324 Datasheet HTML 15Page - Monolithic Power Systems MPQ3324 Datasheet HTML 16Page - Monolithic Power Systems MPQ3324 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
MPQ3324
– 8-CH LED DRIVER WITH I2C AND PWM AND ANALOG DIMMING, AEC-Q100
MPQ3324 Rev. 1.0
MonolithicPower.com
13
2/18/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
VIN Under-Voltage Lockout (UVLO)
If the input voltage drops to the VIN UVLO
threshold, the IC stops working, and all I2C
registers are reset.LED Open-Load Protection
If an LED open fault occurs, the LEDx (e.g. x =
1, 2, ..., 8) voltage drops. If the LEDx voltage
drops below the protection threshold (about
100mV) for 4ms, LED open-load protection is
triggered. Once this occurs, the fault channel
turns off, the corresponding CHxO (x = 1, 2, ...,
8) open fault bit is set, and the RFSH/FLT pin is
pulled low. The fault bit is reset when it is read,
and the RFSH/FLT pin is pulled high.
LED Short Protection
If an LED short condition occurs, the VIN -
VLEDx voltage drops. If the VLEDx (e.g. x = 1,
2, ..., 8) voltage exceeds the voltage set by STH
for 4ms, LED short protection is triggered. Once
this occurs, the short channel turns off, the
corresponding CHxS fault bit is set, and
RFSH/FLT pulls low.
The LED short protection threshold is configured
by STH1:0, and can be set to the following
values:
 STH1:0 = 00: 2V
 STH1:0 = 01: 3V
 STH1:0 = 10: 4V
 STH1:0 = 11: 5V
The fault bit is reset when it is read, and the
RFSH/FLT pin is pulled high.
Over-Temperature Protection (OTP)
If the IC temperature exceeds 170°C, over-
temperature protection (OTP) is triggered. All
channels turn off, the RFSH/FLT pin is pulled low,
and the FT_OTP bit is set. If the temperature
drops by 20°C, the IC recovers, all channels turn
on, and the part resumes normal operation.
I2C Interface Register
I2C Chip Address
The device
’s address is 0x30~0x39, and is
configured by the ADDR resistor. The internal
current source flows to the ADDR resistor, then
the voltage of ADDR determines the I2C address.
10 different addresses can be configured
through the ADDR resistor. Table 2 shows how
the relationship between I2C address and
resistor ratio the (RADDR / RISET).
Table 2: I2C Address Setting
RADDR / RISET
I2C Address
(A3, A2, A1, A0)
<0.05
0000
>0.05, <0.15
0001
>0.15, <0.25
0010
>0.25, <0.35
0011
>0.35, <0.45
0100
>0.45, <0.55
0101
>0.55, <0.65
0110
>0.65, <0.75
0111
>0.75, <0.85
1000
>0.85, <0.95
1001
At start-up, the IC checks the I2C address first.
This address remains the same during normal
operation
, unless the IC’s power is reset.
After the start condition, the I2C-compatible
master sends a 7-bit address followed by an 8th
read (1) or write (0) bit. The 8th bit indicates the
register address to/from which the data will be
written/read (see Figure 6).
0
A0
1
1
A3
A1
R/W
A2
Figure 6: The I2C-Compatible Device Address
To avoid a glitch during normal operation, ensure
that the following conditions are met:
 Change the FPWM1:0 value only when the
EN bit is set to 0.
 Write the FPWM register and wait for a 10µs
delay before writing other registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com