Electronic Components Datasheet Search
  English  ▼

X  

IR2159 Datasheet(PDF) 20 Page - International Rectifier

Part # IR2159
Description  DIMMING BALLAST CONTROL IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2159 Datasheet(HTML) 20 Page - International Rectifier

Back Button IR2159 Datasheet HTML 16Page - International Rectifier IR2159 Datasheet HTML 17Page - International Rectifier IR2159 Datasheet HTML 18Page - International Rectifier IR2159 Datasheet HTML 19Page - International Rectifier IR2159 Datasheet HTML 20Page - International Rectifier IR2159 Datasheet HTML 21Page - International Rectifier IR2159 Datasheet HTML 22Page - International Rectifier IR2159 Datasheet HTML 23Page - International Rectifier IR2159 Datasheet HTML 24Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
IR2159/IR21591 (S)
20
www.irf.com
Once lock is achieved, the phase detector (PDET)
outputs short pulses to an open-drain PMOS that
charges the VCO capacitor through an internal
resistor (RFB) each time an error pulse occurs
(Figure 12).This action "nudges" the integrator at
the input of the VCO to keep the phase of the
output stage current exactly locked in phase with
the reference.
n
REF
n
FB
V
CS
t
V
VCO
t
LO
n
ERR
Figure 12, Phase control timing diagram.
The IR2159 includes a dimming interface for
analog lamp power control. The DIM pin input
requires a voltage in the range of 0.5 to 5VDC,
with 5V corresponding to minimum phase shift
(maximum lamp power). The output of the dim
interface is the voltage on pin MIN, which is
compared with the internal timing capacitor (CT)
voltage to produce a frequency-independent digital
reference phase (Figure 13).
1V
3V
5V
0
0.5V
5 V
V
MIN
V
DIM
R
MIN
R
MAX
V
CT
LO
USER
SETTING
DIM
RANGE
n
0
-90
-180
--
-
n
REF
Figure 13, Dimming interface
The charging time of CT from 1V to 5.1V
determines the on-time of output gate drivers HO
and LO and corresponds to -180 degrees of
possible phase shift in load current (minus
deadtime). For the 0 to -90 degree dim range, the
voltage on pin MIN is bounded between 1V and
3V using pins MIN and MAX. An external resistor
on pin MAX programs the minimum phase shift
reference (maximum lamp power) corresponding
to 5V on pin DIM, and an external resistor on pin
MIN sets the maximum phase shift (minimum
lamp power) corresponding to 0.5V on pin DIM.
Current Sensing
During dimming, the current sensing circuitry
(Figure 14) detects over-current which can occur
during hard-switching (see Fault section), and
zero-crossing to measure the phase of the total
load current. To reject any switching noise which
can occur at the turn-on of the low-side MOSFET
or IGBT, a digital current sense blanking circuit
blanks out the signal from the zero-crossing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com