Electronic Components Datasheet Search
  English  ▼

X  

IR2159 Datasheet(PDF) 15 Page - International Rectifier

Part # IR2159
Description  DIMMING BALLAST CONTROL IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2159 Datasheet(HTML) 15 Page - International Rectifier

Back Button IR2159 Datasheet HTML 11Page - International Rectifier IR2159 Datasheet HTML 12Page - International Rectifier IR2159 Datasheet HTML 13Page - International Rectifier IR2159 Datasheet HTML 14Page - International Rectifier IR2159 Datasheet HTML 15Page - International Rectifier IR2159 Datasheet HTML 16Page - International Rectifier IR2159 Datasheet HTML 17Page - International Rectifier IR2159 Datasheet HTML 18Page - International Rectifier IR2159 Datasheet HTML 19Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
IR2159/IR21591 (S)
www.irf.com
15
Functional Description
Phase Control
To understand phase control, a simplified model
for the ballast output stage is used (Figure 1). The
lamp and filaments are replaced with resistors,
with the lamp inserted between the filament
resistors (R1, R2, R3 and R4).
L
C
Rlamp
Vin
R1
R2
R3
R4
Figure 1, Dimming ballast output stage.
During preheat and ignition (Figure 2), the circuit
is a high-Q series LC with a strong input current to
input voltage phase inversion from +90 to -90
degrees at the resonance frequency. For operating
frequencies slightly above resonance and higher,
the phase is fixed at -90 degrees for the duration
of preheat and ignition. During dimming, the circuit
is an L in series with a parallel R and C, with a
weak phase inversion at high lamp power and a
strong phase inversion at low lamp power.
-30
-20
-10
0
10
20
5
1015
2025
3035404550
Fr equency [kHz]
-100
-50
0
50
100
150
200
250
300
350
400
10%
50%
100%
100%
50%
10%
PH/IGN
PH/IGN
Figure 2, Typical output stage transfer function for
different lamp power levels.
In the time domain (Figure 3), the input current is
shifted -90 degrees from the input half-bridge
voltage during preheat and ignition, and
somewhere between 0 and -90 degrees after
ignition during running.
Zero phase-shift
corresponds to maximum power
n
run
Vin
Iin
t
ph/ign
0
Iinrun
n
ph/ign
Figure 3, Typical ballast output stage waveforms.
When the phase is calculated and plotted versus
lamp power (Figure 4), the result is a linear dimming
curve, even down to ultra-low light levels where
the resistance of the lamp can change by orders
of magnitude.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com