Electronic Components Datasheet Search
  English  ▼

X  

IR2159 Datasheet(PDF) 12 Page - International Rectifier

Part # IR2159
Description  DIMMING BALLAST CONTROL IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2159 Datasheet(HTML) 12 Page - International Rectifier

Back Button IR2159 Datasheet HTML 8Page - International Rectifier IR2159 Datasheet HTML 9Page - International Rectifier IR2159 Datasheet HTML 10Page - International Rectifier IR2159 Datasheet HTML 11Page - International Rectifier IR2159 Datasheet HTML 12Page - International Rectifier IR2159 Datasheet HTML 13Page - International Rectifier IR2159 Datasheet HTML 14Page - International Rectifier IR2159 Datasheet HTML 15Page - International Rectifier IR2159 Datasheet HTML 16Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
IR2159/IR21591 (S)
12
www.irf.com
Graph 9.
ϕ IIVS/VVSI vs VMIN (IR2159/IR21591)
-90
-75
-60
-45
-30
-15
0
1
1.25
1.5
1.75
2
2.25
2.5
2.75
3
VMIN (V)
Graph 10. RMIN vs VMIN
0
0.5
1
1.5
2
2.5
3
-25
0
25
50
75
100
125
Temperature °C
Graph 11. ICPH vs Temperature (IR2159/IR21591)
Graph 12. IMIN vs Temperature (IR2159/IR21591)
90
100
110
120
130
140
150
-25
0
25
50
75
100
125
Temperature °C
5
10
15
20
25
30
2
2.2
2.4
2.6
2.8
3
VMIN (V)
RFMIN=39K
RFMIN=10K
RFMIN=16K
RFMIN=20K
RFMIN=33K
RFMIN=27K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com