Electronic Components Datasheet Search
  English  ▼

X  

IR2159 Datasheet(PDF) 22 Page - International Rectifier

Part # IR2159
Description  DIMMING BALLAST CONTROL IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2159 Datasheet(HTML) 22 Page - International Rectifier

Back Button IR2159 Datasheet HTML 17Page - International Rectifier IR2159 Datasheet HTML 18Page - International Rectifier IR2159 Datasheet HTML 19Page - International Rectifier IR2159 Datasheet HTML 20Page - International Rectifier IR2159 Datasheet HTML 21Page - International Rectifier IR2159 Datasheet HTML 22Page - International Rectifier IR2159 Datasheet HTML 23Page - International Rectifier IR2159 Datasheet HTML 24Page - International Rectifier IR2159 Datasheet HTML 25Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
IR2159/IR21591 (S)
22
www.irf.com
Should the peak voltage on pin CS exceed 1.6V
at any time during dimming, the IR2159 enters
FAULT mode and the high and low-side driver
outputs, HO and LO, are both turned off . Cycling
the supply voltage on VCC below or the voltage
on pin SD will reset the IR2159 to preheat (PH)
mode (see STATE DIAGRAM).
Ballast Design
Lamp Requirements
Before selecting component values for the ballast
output stage and the programmable inputs of the
IR2159, the following lamp requirements must first
be defined:
Variable
Description
Units
ph
I
Filament pre-heat current
Arms
ph
t
Filament pre-heat time
s
max
ph
V
Maximum lamp pre-heat voltage
Vpp
ign
V
Lamp ignition voltage
Vpp
%
100
P
Lamp power at 100% brightness
W
%
100
V
Lamp voltage at 100% brightness
Vpp
%
1
P
Lamp power at 1% brightness
W
%
1
V
Lamp voltage at 1% brightness
Vpp
min
Cath
I
Minimum cathode heating current
Arms
Table I, Typical lamp requirements
Ballast Output Stage
The components comprising the output stage are
selected using a set of equations. Different ballast
operating frequencies and their respective
voltages and currents are calculated.
The inductor and capacitor values are obtained
using equations (2) through (7). The results of
these equations reveal the location of each
operating frequency and the corresponding
voltages and currents. For a given L, C, DC bus
voltage, and pre-heat current, the resulting voltage
over the lamp during pre-heat is given as:
The resulting operating frequency during pre-heat
is given as:
ph
ph
ph
CV
I
f
π
2
=
[Hz]
(3)
The resulting operating frequency during ignition
is given as:
LC
V
V
f
ign
DC
ign
π
π
4
1
2
1
+
=
[Hz]
(4)
The total load current during ignition is given as:
If
CV
ign
ign
ign
=
2
π
[App] (5)
π
π
DC
ph
DC
ph
V
I
C
L
V
V
2
8
2
2
1
2
2
−
+
=
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com