Electronic Components Datasheet Search
  English  ▼

X  

IR2159 Datasheet(PDF) 1 Page - International Rectifier

Part # IR2159
Description  DIMMING BALLAST CONTROL IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2159 Datasheet(HTML) 1 Page - International Rectifier

  IR2159 Datasheet HTML 1Page - International Rectifier IR2159 Datasheet HTML 2Page - International Rectifier IR2159 Datasheet HTML 3Page - International Rectifier IR2159 Datasheet HTML 4Page - International Rectifier IR2159 Datasheet HTML 5Page - International Rectifier IR2159 Datasheet HTML 6Page - International Rectifier IR2159 Datasheet HTML 7Page - International Rectifier IR2159 Datasheet HTML 8Page - International Rectifier IR2159 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Features
• Ballast control and half-bridge driver in one IC
• Transformer-less lamp power sensing
• Closed-loop lamp power control
• Closed-loop preheat current control
• Programmable preheat time
• Programmable preheat current
• Programmable ignition-to-dim time
• 0.5 to 5VDC dimming control input
• Min and max lamp power adjustments
• Programmable minimum frequency
• Internal current sense blanking
• Full lamp fault protection
Preliminary Data Sheet No. PD60169-D
DIMMING BALLAST CONTROL IC
Typical Connection
• Brown-out protection
• Automatic restart
• Micro-power startup
• Zener clampedVcc
• Over-temperatureprotection
• 16-pin DIP and SOIC package types
Description
Description: The IR2159/IR21591 are complete dimming ballast controllers and 600V
half-bridge drivers all in one IC. The architecture includes phase control for trans-
former-less lamp power sensing and regulation which minimizes changes needed to
adapt non-dimming ballasts for dimming. Externally programmable features such as
preheat time and current, ignition-to-dim time, and a complete dimming interface with
minimum and maximum settings provide a high degree of flexibility for the ballast
design engineer. Protection from failure of a lamp to strike, filament failures, thermal
overload, or lamp failure during normal operation, as well as an automatic restart
function, have been included in the design. The heart of this control IC is a voltage-
controlled oscillator with externally programmable minimum frequency. The IR2159/
IR21591 are available in both 16 pin DIP and 16 pin narrow body SOIC packages.
16
15
14
13
4
3
2
1
5
6
7
11
10
8
9
12
VDC
VCO
IPH
FMIN
MIN
MAX
DIM
CPH
CS
LO
COM
VCC
VB
VS
HO
SD
+ DC Bus
+ Rectified AC Line
- DC Bus
R
MIN
C
PH
C
VCO
R
CS
R
MAX
R
FMIN
R
IPH
0.5 to 5VDC
R
DIM
C
VDC
R
VDC
R
VAC
R
PULL-UP
Single Lamp Dimmable
Packages
16 Lead PDIP
16 Lead SOIC
(narrow body)
Parameter
IR2159
IR21591
Deadtime
1.8us
1.0us
Frequency
Range
See
Graph 3
See
Graph 4
www.irf.com
1
IR2159(S)
IR21591(S)


Similar Part No. - IR2159

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR21592 IRF-IR21592 Datasheet
259Kb / 25P
DIMMING BALLAST CONTROL IC
IR21592 IRF-IR21592 Datasheet
209Kb / 12P
Dimming Ballast Control IC Design Kit
IR21592 IRF-IR21592 Datasheet
267Kb / 25P
DIMMING BALLAST CONTROL IC
IR21592 IRF-IR21592 Datasheet
270Kb / 14P
Dimming Ballast Control IC Design Kit
IR21592 IRF-IR21592 Datasheet
453Kb / 26P
DIMMING BALLAST CONTROL IC
More results

Similar Description - IR2159

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR21592 IRF-IR21592 Datasheet
259Kb / 25P
DIMMING BALLAST CONTROL IC
IRPLDIM1U IRF-IRPLDIM1U Datasheet
209Kb / 12P
Dimming Ballast Control IC Design Kit
logo
Samsung semiconductor
KA7540 SAMSUNG-KA7540 Datasheet
104Kb / 14P
Simple Dimming Ballast Control IC
logo
International Rectifier
IR2159S IRF-IR2159S Datasheet
267Kb / 25P
DIMMING BALLAST CONTROL IC
IRS2530D IRF-IRS2530D Datasheet
461Kb / 23P
DIM8TM DIMMING BALLAST CONTROL IC
IRPLDIM1E IRF-IRPLDIM1E Datasheet
270Kb / 14P
Dimming Ballast Control IC Design Kit
IR21592STRPBF IRF-IR21592STRPBF Datasheet
453Kb / 26P
DIMMING BALLAST CONTROL IC
IR21592PBF IRF-IR21592PBF Datasheet
453Kb / 26P
DIMMING BALLAST CONTROL IC
IR21593PBF IRF-IR21593PBF Datasheet
453Kb / 26P
DIMMING BALLAST CONTROL IC
IR21592 IRF-IR21592_15 Datasheet
453Kb / 26P
DIMMING BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com