Electronic Components Datasheet Search
  English  ▼

X  

MP6619 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP6619
Description  5.4V to 28V, 5A,H-Bridge Motor Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6619 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP6619 Datasheet HTML 1Page - Monolithic Power Systems MP6619 Datasheet HTML 2Page - Monolithic Power Systems MP6619 Datasheet HTML 3Page - Monolithic Power Systems MP6619 Datasheet HTML 4Page - Monolithic Power Systems MP6619 Datasheet HTML 5Page - Monolithic Power Systems MP6619 Datasheet HTML 6Page - Monolithic Power Systems MP6619 Datasheet HTML 7Page - Monolithic Power Systems MP6619 Datasheet HTML 8Page - Monolithic Power Systems MP6619 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MP6619
– 5.4V TO 28V, 5A, H-BRIDGE MOTOR DRIVER
MP6619 Rev. 1.0
www.MonolithicPower.com
3
1/21/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
IFB
Current-sense signal feedback. Connect the IFB and LSS pins together.
2, 11
VIN
Input supply.
3
OUT2
Output terminal 2.
4
BST2
Bootstrap pin for the OUT2 high-side MOSFET (HS-FET) gate driver. Connect a
capacitor between the BST2 and OUT2 pins.
5
EN
IC enable.
6, 7, 8
LSS
Low-side source connection. For current sense, connect a current-sense resistor
between the LSS pin and power ground.
9
BST1
Bootstrap pin for the OUT1 HS-FET gate driver. Connect a capacitor between BST1 and
OUT1.
10
OUT1
Output terminal 1.
12, 18
NC
No connection. Float this pin or connect it to AGND.
13
nFAULT Fault indication output. nFAULT is active low for fault conditions.
14
VCC
5V LDO output for internal driver and logic.
15
IN1
Output 1 control input. IN1 is pulled down internally.
16
IN2
Output 2 control input. IN2 is pulled down internally.
17
ISET
Current trip voltage setting. Connect a resistor to GND from the ISET pin.
19
AGND
Ground for internal logic.
ABSOLUTE MAXIMUM RATINGS (1)
Supply voltage (VIN) .................................... 36V
VOUTx ..................................... -0.3V to VIN + 0.3V
VBST1...................................................VOUT1 + 6V
VBST2...................................................VOUT2 + 6V
LSS ..............................................-0.3V to +0.6V
All other pins ...................................-0.3V to +6V
Continuous power dissipation (TA = 25°C) (2)
QFN-19 (3mmx3mm) ................................. 2.5W
Junction temperature ................................150°C
Lead temperature .....................................260°C
Storage temperature ................ -65°C to +150°C
ESD Ratings
Human body model (HBM) ........................ ±2kV
Charged device model (CDM) ............. ±1.25kV
Recommended Operating Conditions (3)
Supply voltage (VIN) .........................5.4V to 28V
Operating junction temp (TJ) .... -40°C to +125°C
Thermal Resistance (4)
θJA
θJC
QFN-19 (3mmx3mm)............. 50....... 12 ... °C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX) - TA) / θJA. Exceeding the maximum allowable power
dissipation can produce an excessive die temperature, which
can cause the regulator to go into thermal shutdown. Internal
thermal
shutdown
circuitry
protects
the
device
from
permanent damage.
3) The device is not guaranteed to function outside of its
operation conditions.
4) Measured on a JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com