Electronic Components Datasheet Search
  English  ▼

X  

MP6619 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP6619
Description  5.4V to 28V, 5A,H-Bridge Motor Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6619 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP6619 Datasheet HTML 6Page - Monolithic Power Systems MP6619 Datasheet HTML 7Page - Monolithic Power Systems MP6619 Datasheet HTML 8Page - Monolithic Power Systems MP6619 Datasheet HTML 9Page - Monolithic Power Systems MP6619 Datasheet HTML 10Page - Monolithic Power Systems MP6619 Datasheet HTML 11Page - Monolithic Power Systems MP6619 Datasheet HTML 12Page - Monolithic Power Systems MP6619 Datasheet HTML 13Page - Monolithic Power Systems MP6619 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
MP6619
– 5.4V TO 28V, 5A, H-BRIDGE MOTOR DRIVER
MP6619 Rev. 1.0
www.MonolithicPower.com
12
1/21/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
PACKAGE INFORMATION
QFN-19 (3mmx3mm)
SIDE VIEW
BOTTOM VIEW
NOTE:
1) LAND PATTERNS OF PINS 2, 3, 10, 11, AND 12
HAVE THE SAME SHAPE.
2) ALL DIMENSIONS ARE IN MILLIMETERS.
3) LEAD COPLANARITY SHALL BE 0.10
MILLIMETERS MAX.
4) JEDEC REFERENCE IS MO-220.
5) DRAWING IS NOT TO SCALE.
PIN 1 ID
MARKING
TOP VIEW
PIN 1 ID
INDEX AREA
RECOMMENDED LAND PATTERN
PIN 1 ID
0.15x45° TYP
0.15x45°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com