Electronic Components Datasheet Search
  English  ▼

X  

MP6619 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP6619
Description  5.4V to 28V, 5A,H-Bridge Motor Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6619 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP6619 Datasheet HTML 1Page - Monolithic Power Systems MP6619 Datasheet HTML 2Page - Monolithic Power Systems MP6619 Datasheet HTML 3Page - Monolithic Power Systems MP6619 Datasheet HTML 4Page - Monolithic Power Systems MP6619 Datasheet HTML 5Page - Monolithic Power Systems MP6619 Datasheet HTML 6Page - Monolithic Power Systems MP6619 Datasheet HTML 7Page - Monolithic Power Systems MP6619 Datasheet HTML 8Page - Monolithic Power Systems MP6619 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MP6619
– 5.4V TO 28V, 5A, H-BRIDGE MOTOR DRIVER
MP6619 Rev. 1.0
www.MonolithicPower.com
4
1/21/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 24V, TA = 25°C, unless otherwise noted.
Note:
5) Guaranteed by design.
Parameters
Symbol Condition
Min
Typ
Max
Units
Supply Voltage
VIN operating range
VIN
5.4
28
V
Turn-on threshold
VIN_ON
VIN rising edge
5.1
5.35
V
Turn-on hysteretic voltage
VIN_HY
0.3
V
IC Supply
Shutdown current
IIN_SD
EN = 0
1
μA
Quiescent current
IIN_SBY
EN = 1, no load current
1.6
2.2
mA
VCC regulator voltage
VVCC
4.5
5
5.5
V
VCC regulator dropout voltage
20mA load
100
mV
Logic
Logic high threshold
1.5
V
Logic low threshold
0.4
V
IC start-up delay
tDELAY
EN active to switching
230
350
µs
Current Control
Current trip voltage
VITRIP
VITRIP = 200mV
180
200
220
mV
VITRIP = 100mV
85
100
115
mV
Off time
tITRIP
After ITRIP
1
ms
Power MOSFET
High-side MOSFET (HS-FET) on
resistance
42
65
93
m
Ω
Low-side MOSFET (LS-FET) on
resistance
42
65
93
m
Ω
Minimum on time
200
ns
Bootstrap for High-Side Driver
Forward voltage for BST charge
0.5
V
BST UVLO
Rising edge
2
V
Protection
Over-current (OC) retry time
tOCP
1
ms
OC threshold
IOCP
10
A
Input over-voltage (OV) threshold
VINOVP
32.2
34
35.5
V
Thermal shutdown (5)
150
°C
Thermal shutdown hysteresis(5)
20
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com