Electronic Components Datasheet Search
  English  ▼

X  

MP6619 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP6619
Description  5.4V to 28V, 5A,H-Bridge Motor Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6619 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP6619 Datasheet HTML 2Page - Monolithic Power Systems MP6619 Datasheet HTML 3Page - Monolithic Power Systems MP6619 Datasheet HTML 4Page - Monolithic Power Systems MP6619 Datasheet HTML 5Page - Monolithic Power Systems MP6619 Datasheet HTML 6Page - Monolithic Power Systems MP6619 Datasheet HTML 7Page - Monolithic Power Systems MP6619 Datasheet HTML 8Page - Monolithic Power Systems MP6619 Datasheet HTML 9Page - Monolithic Power Systems MP6619 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MP6619
– 5.4V TO 28V, 5A, H-BRIDGE MOTOR DRIVER
MP6619 Rev. 1.0
www.MonolithicPower.com
6
1/21/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 24V, TA = 25°C, unless otherwise noted.
IC Enable
VIN = 24V, IN1 = 20kHz / 50%, IN2 = low,
load = 5
Ω + 700µH
IC Enable
VIN = 24V, IN1 = 20kHz / 50%, IN2 = high,
load = 5
Ω + 700µH
CH1: IN1
CH2: OUT1
CH3: EN
CH4: IOUT
CH1: IN1
CH2: OUT1
CH3: EN
CH4: IOUT
IC Disable
VIN = 24V, IN1 = 20kHz / 50%, IN2 = low,
load = 5
Ω + 700µH
IC Disable
VIN = 24V, IN1 = 20kHz/50%, IN2 = high,
load = 5
Ω + 700µH
CH1: IN1
CH2: OUT1
CH3: EN
CH4: IOUT
CH1: IN1
CH2: OUT1
CH3: EN
CH4: IOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com