Electronic Components Datasheet Search
  English  ▼

X  

MP6619 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP6619
Description  5.4V to 28V, 5A,H-Bridge Motor Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6619 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP6619 Datasheet HTML 4Page - Monolithic Power Systems MP6619 Datasheet HTML 5Page - Monolithic Power Systems MP6619 Datasheet HTML 6Page - Monolithic Power Systems MP6619 Datasheet HTML 7Page - Monolithic Power Systems MP6619 Datasheet HTML 8Page - Monolithic Power Systems MP6619 Datasheet HTML 9Page - Monolithic Power Systems MP6619 Datasheet HTML 10Page - Monolithic Power Systems MP6619 Datasheet HTML 11Page - Monolithic Power Systems MP6619 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
MP6619
– 5.4V TO 28V, 5A, H-BRIDGE MOTOR DRIVER
MP6619 Rev. 1.0
www.MonolithicPower.com
8
1/21/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
OPERATION
The MP6619 is an H-bridge motor driver that
operates from a supply voltage up to 28V and
delivers a motor current up to 5A. Typically, the
MP6619 is used to drive a brushed DC motor.
Input Logic
For the MP6619, control of each half-bridge is
independent, using EN, IN1, and/or IN2 (see
Table 1).
Table 1: Truth Table
EN
INx
OUTx
0
x
Z
1
0
L
1
1
H
Shutdown Mode
If the EN signal is pulled low, the MP6619 shuts
down. In shutdown mode, all circuits and blocks
are disabled, and the MP6619 consumes less
than 1µA of shutdown current. There is about
150ns of deglitch time on EN to avoid a
mistrigger.
Current Limit
The MP6619 has a programmable current limit
function. The output current flowing through
both two low-side MOSFETs is sensed by an
external sense resistor. If the load current
reaches the current trip threshold, a current limit
condition is triggered, the entire
H-bridge
switches to a high-impedance state with all
MOSFETs turned off. After a fixed off time
(tITRIP), the MOSFETs are re-enabled, and the
cycle repeats.
The current limit is triggered when the IFB pin
voltage (VIFB) reaches the current trip voltage
(VITRIP). For example, if a 40mΩ sense resistor
is connected from LSS to ground, and the
current trip voltage (VITRIP) is 200mV, when the
output current reaches 5A, VIFB reaches 200mV
and a current trip occurs.
Current Trip Voltage Setting
The
current
control
trip
value
is
set
by
connecting a resistor between ISET and GND.
When ISET is floating, the current trip voltage is
set to its default (200mV). If a resistor is
connected between ISET and GND, the current
trip voltage can be reduced below 200mV to
reduce power loss on the sense resistor. The IC
needs about 0.3ms to detect whether a resistor
is available on ISET when the IC starts up for
the first time. During this time, the IC is not
switching. The relationship of the current trip
voltage and RISET is calculated with Equation (1):
 
ITRIP
ISET
40
V
0.2
Rk
Ω

(1)
For example, if RISET is 80kΩ, the trip voltage is
100mV. For better accuracy, a
40kΩ to 80kΩ
resistance
is
recommended
to
achieve
a
200mV to 100mV current trip voltage.
Start-Up Sequence
The IC needs about 0.3ms to detect whether a
resistor is available on ISET when the IC starts
up for the first time. During this time, the IC is
not switching.
VCC LDO Regulator
The IC employs a low-dropout (LDO) regulator
to provide a constant voltage (5V) at VCC. The
VCC voltage (VVCC) is used for the internal
power supply of the logic circuit and driver
circuit. When the input voltage drops, VVCC
drops together with VIN. If VVCC drops below
4.8V, the IC triggers a power reset sequence
and shuts down. The IC resumes normal
operation when VVCC exceeds 5.1V.
High-Side MOSFET (HS-FET) Driver
The M1 and M3 high-side MOSFETs (HS-FETs)
are N-channel MOSFETs. When M1 and M3
turn on, a bootstrap supply voltage (VBSTx)
across BST1 and BST2 is required. VBSTx is
generated by a combination of the internal
charge pump and a 5V VCC. This allows the IC
to operate at 100% duty cycle to provide
enough driver voltage for the M1 and M3 HS-
FETs.
Over-Current Protection (OCP)
The over-current protection (OCP) circuit limits
the current through each MOSFET by reducing
the gate driver voltage to the MOSFET. If the
MOSFET current remains in the over-current
(OC) condition (above IOCP) for longer than the
OC deglitch time, all MOSFETs in the H-bridge
are disabled
and nFAULT is driven low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com