Electronic Components Datasheet Search
  English  ▼

X  

MP86934 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP86934
Description  16V Intelli-Phase Solution in TQFN 3x4
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86934 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP86934 Datasheet HTML 1Page - Monolithic Power Systems MP86934 Datasheet HTML 2Page - Monolithic Power Systems MP86934 Datasheet HTML 3Page - Monolithic Power Systems MP86934 Datasheet HTML 4Page - Monolithic Power Systems MP86934 Datasheet HTML 5Page - Monolithic Power Systems MP86934 Datasheet HTML 6Page - Monolithic Power Systems MP86934 Datasheet HTML 7Page - Monolithic Power Systems MP86934 Datasheet HTML 8Page - Monolithic Power Systems MP86934 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
MP86934 – 16V INTELLI-PHASE SOLUTION IN TQFN 3X4
MP86934 Rev.1.2
www.MonolithicPower.com
3
5/26/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
Supply Voltage VIN ........................................ 18V
VSW (DC)................................. -0.3V to to VIN+0.3V
VSW (25ns) .............................................. -3V to 25V
VIN - VSW (10ns) ...................................... -5V to 32V
VBST - VSW (25ns)................................................. 5V
VBST........................................................VSW + 4V
All Other Pins .................................. -0.3V to +4V
Instantaneous Current ................................. 45A
Junction Temperature............................... 150°C
Lead Temperature .................................... 260°C
Storage Temperature................-65°C to +150°C
Recommended Operating Conditions (2)
Supply Voltage VIN ........................... 4.5V to 16V
Driver Voltage VCC .......................... 3.0V to 3.6V
Operating Junction Temp. (TJ). -40°C to +125°C
Thermal Resistance (3) θJB θJC_TOP
TQFN-21 (3mmx4mm)......... 2.2 .... 24.3 ...°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The device is not guaranteed to function outside of its
operating conditions.
3) θJB is the thermal resistance from the junction to board around
the PGND soldering point.
θJC_TOP is the themal resistance from the junction to the top of
the package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com