Electronic Components Datasheet Search
  English  ▼

X  

MP86934 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP86934
Description  16V Intelli-Phase Solution in TQFN 3x4
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86934 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP86934 Datasheet HTML 3Page - Monolithic Power Systems MP86934 Datasheet HTML 4Page - Monolithic Power Systems MP86934 Datasheet HTML 5Page - Monolithic Power Systems MP86934 Datasheet HTML 6Page - Monolithic Power Systems MP86934 Datasheet HTML 7Page - Monolithic Power Systems MP86934 Datasheet HTML 8Page - Monolithic Power Systems MP86934 Datasheet HTML 9Page - Monolithic Power Systems MP86934 Datasheet HTML 10Page - Monolithic Power Systems MP86934 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
MP86934 – 16V INTELLI-PHASE SOLUTION IN TQFN 3X4
MP86934 Rev.1.2
www.MonolithicPower.com
7
5/26/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
SYNC_LO
Sync_Hi
PWM-Lo
PWM Hi
VCC UVLO
2.0
2.2
2.4
2.6
2.8
3.0
-50
0
50
100
150
-50
0
50
100
150
-50
0
50
100
150
-50
0
50
100
150
-50
0
50
100
150
VDRV Falling
VDRV Rising
0.5
0.7
0.9
1.1
1.3
1.5
SYNC_LO Rising
SYNC_LO Falling
1.6
1.7
1.8
1.9
2.0
2.1
2.2
SYNC Rising
SYNC Falling
1.5
1.7
1.9
2.1
2.3
2.5
PWM Rising
PWM Falling
0.5
0.7
0.9
1.1
1.3
1.5
PWM Rising
PWM Falling
IOUT (A)
Device Efficiency/loss
VIN=12V; VOUT=1V;
FSW=800kHz; L=150nH;
76
78
80
82
84
86
88
90
92
94
96
0
5
10
15
20
25
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com