Electronic Components Datasheet Search
  English  ▼

X  

MP86934 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP86934
Description  16V Intelli-Phase Solution in TQFN 3x4
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86934 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP86934 Datasheet HTML 7Page - Monolithic Power Systems MP86934 Datasheet HTML 8Page - Monolithic Power Systems MP86934 Datasheet HTML 9Page - Monolithic Power Systems MP86934 Datasheet HTML 10Page - Monolithic Power Systems MP86934 Datasheet HTML 11Page - Monolithic Power Systems MP86934 Datasheet HTML 12Page - Monolithic Power Systems MP86934 Datasheet HTML 13Page - Monolithic Power Systems MP86934 Datasheet HTML 14Page - Monolithic Power Systems MP86934 Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
MP86934 – 16V INTELLI-PHASE SOLUTION IN TQFN 3X4
MP86934 Rev.1.2
www.MonolithicPower.com
11
5/26/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
OPERATION
The MP86934 is a 25A monolithic half-bridge
driver with MOSFETs ideally suited for multi-
phase buck regulators.
When VIN, VCC and VBST signals are sufficiently
high, operation begins.
PWM
PWM input pin is capable to Tri-state input.
When the PWM input signal is within the tri-
state threshold window for 50ns (typical), THT or
TLT, the HSFET will be turned OFF immediately
and the LSFET will be in diode emulation mode
which is ON until zero current detection. The tri-
state PWM input can be from a forced middle
voltage PWM signal or made by floating PWM
input and the internal current source will charge
the signal to a middle voltage. Please refer to
the PWM timing diagram for the propagation
delay definition from PWM to SW node.
Standby Mode
When SYNC pin is floating or forced to middle
state voltage for 2us, MP86934 will enter to
standby mode. During standby mode, the part
shuts down and both CS and VTEMP/FLT
outputs are disabled. The fault latch will not be
reset by entering standby mode.
Diode Emulation mode
In diode emulation mode, when PWM is either
low or Tri-state input, the LSFET will be turned
ON whenever the inductor current is positive.
LSFET is off if the inductor current crossed zero
current. Diode emulation mode can be enabled
by:
1) Pull SYNC pin low
2) Drive PWM to middle state
3) Floating PWM pin.
Positive and Negative Inductor Current limit
When HSFET over current is detected for 4
consecutive cycles, HSFET will latch off,
VTEMP/FLT will be pull to 3.3V, LSFET will turn
on until zero current detection and then LSFET
will be turned off. Recycling VIN/VCC or toggling
EN will release the latch and restart the device.
When LSFET detects a -15A current, the part
will turn off LSFET for 40ns to limit the negative
current. LSFET’s negative current limit will not
trigger fault report.
Over Temperature Protection
When the junction temperature reaches the
Over Temperature Threshold, the HSFET will
be latched OFF, VTEMP/FLT will be 3.3V,
LSFET will turn on until zero current detection
and then LSFET will turn off.
Temperature Sense Output with Fault
indicator, VTEMP/FLT
VTEMP/FLT is a pin with dual functions.
1) Junction
Temperature
Sense:
VTEMP/FLT
is
a
voltage
output
proportional to junction temperature
whenever the VCC is higher than its
UVLO and in part is in active mode. The
gain is 10mV/°C and it has -100mV
offset
at
25°C.
i.e.
0V@TJ<10°C,
0.15V@TJ=25°C and 0.9V@TJ=100°C.
2) Fault function: When any fault occurred,
the VTEMP/FLT will be pulled to
3.3V_typ (3.0V_min) regardless the
temperature to report the fault event. It
monitors three fault events;
(a)
Over Current limit: A consecutive
4 times current limit fault. Once fault, the
part will latch OFF to turn OFF HSFET.
The LSFET will be turned OFF when the
inductor current reaches zero.
(b)
Over
Temperature
fault
at
TJ>160°C. Once fault, the part will latch
OFF to turn OFF HSFET. The LSFET
will be turned OFF when the inductor
current reaches zero.
(c)
SW to PGND shorted. Once fault,
the part will latch OFF to turn OFF
HSFET.
The fault latch will not be reset by
entering standby mode. The release of
fault latch can be done by either re-cycle
VIN or VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com