Electronic Components Datasheet Search
  English  ▼

X  

MP86934 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP86934
Description  16V Intelli-Phase Solution in TQFN 3x4
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86934 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP86934 Datasheet HTML 1Page - Monolithic Power Systems MP86934 Datasheet HTML 2Page - Monolithic Power Systems MP86934 Datasheet HTML 3Page - Monolithic Power Systems MP86934 Datasheet HTML 4Page - Monolithic Power Systems MP86934 Datasheet HTML 5Page - Monolithic Power Systems MP86934 Datasheet HTML 6Page - Monolithic Power Systems MP86934 Datasheet HTML 7Page - Monolithic Power Systems MP86934 Datasheet HTML 8Page - Monolithic Power Systems MP86934 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
MP86934 – 16V INTELLI-PHASE SOLUTION IN TQFN 3X4
MP86934 Rev.1.2
www.MonolithicPower.com
5
5/26/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, VCC =SYNC= 3.3V, TA = 25°C for Typical value and TJ = -40°C to 125°C for Max and Min
values, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Over Temperature Shutdown(4)
160
°C
OTP threshold hysteresis(4)
20
°C
VTEMP when Fault
3.0
3.3
V
PWM Resistor
Pull up, SYNC= Low or
High
6
kΩ
Pull down
5
kΩ
PWM Logic High Voltage
2.4
V
PWM Tristate Region
1.1
1.9
V
PWM Logic Low Voltage
0.70
V
NOTE:
4) Guaranteed by design, not tested in production. The parameter is tested during parameters characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com