Electronic Components Datasheet Search
  English  ▼

X  

MP86934 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP86934
Description  16V Intelli-Phase Solution in TQFN 3x4
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86934 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP86934 Datasheet HTML 5Page - Monolithic Power Systems MP86934 Datasheet HTML 6Page - Monolithic Power Systems MP86934 Datasheet HTML 7Page - Monolithic Power Systems MP86934 Datasheet HTML 8Page - Monolithic Power Systems MP86934 Datasheet HTML 9Page - Monolithic Power Systems MP86934 Datasheet HTML 10Page - Monolithic Power Systems MP86934 Datasheet HTML 11Page - Monolithic Power Systems MP86934 Datasheet HTML 12Page - Monolithic Power Systems MP86934 Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
MP86934 – 16V INTELLI-PHASE SOLUTION IN TQFN 3X4
MP86934 Rev.1.2
www.MonolithicPower.com
9
5/26/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1,14
VIN
Supply Voltage. Place CIN close to the device to support the switching current
reducing the voltage spikes at the input.
2,3,4
SW
Switch Output.
5-13
PGND
Power Ground. Place multiple Vias to inner solid ground layers to minimize the
parasitic impedance and thermal resistance.
15
PWM
Pulse Width Modulation input. Leave PWM floating or drive to mid-state to enable
the diode emulation mode.
16
SYNC
Diode emulation mode and standby mode selection. Leave it floating or drive to
middle-state to enter standby mode. Pull pin high for normal operation. Pull pin low
to enable the diode emulation mode.
17
VTEMP/FLT
Single pin temperature sense and fault reporting.
18
CS
Current Sense Output.
19
AGND
Analog Ground. Connect it to PGND plane at the VCC decoupling capacitor.
20
VCC
3.3V supply input for internal circuitry and gate drive, decouple with 1µF (or higher)
ceramic capacitor to AGND.
21
BST
Bootstrap. Requires a 0.1µF to 1µF capacitor to drive the power switch’s gate above
the supply voltage. Connects the capacitor between SW and BST pins to form a
floating supply across the power switch driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com