Electronic Components Datasheet Search
  English  ▼

X  

MCP19116 Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP19116
Description  Digitally Enhanced Power Analog Synchronous Low-Side PWM Controller with Improved 8k Word Core
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19116 Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP19116 Datasheet HTML 35Page - Microchip Technology MCP19116 Datasheet HTML 36Page - Microchip Technology MCP19116 Datasheet HTML 37Page - Microchip Technology MCP19116 Datasheet HTML 38Page - Microchip Technology MCP19116 Datasheet HTML 39Page - Microchip Technology MCP19116 Datasheet HTML 40Page - Microchip Technology MCP19116 Datasheet HTML 41Page - Microchip Technology MCP19116 Datasheet HTML 42Page - Microchip Technology MCP19116 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 246 page
background image
 2015-2020 Microchip Technology Inc.
DS20005479D-page 39
MCP19116/7
6.0
CONFIGURING THE
MCP19116/7
The MCP19116/7 devices are analog controllers with a
digital peripheral. This means that device configuration
is handled through register settings instead of adding
external components. There are several internal
configurable comparator modules used to interface
analog circuits to digital processing that are very similar
to a standard comparator module found in many PIC
processors today (i.e., PIC16F1824/1828). The
following sections detail how to set the analog control
registers for all the configurable parameters.
6.1
Input Undervoltage and
Overvoltage Lockout
(UVLO and OVLO)
VINCON is the comparator control register for both the
VINUVLO and VINOVLO registers. It contains the
enable bits, the polarity edge detection bits and the
status output bits for both protection circuits. The
interrupt flags <UVLOIF> and <OVLOIF> in the PIR2
register are independent of the enable <UVLOEN> and
<OVLOEN> bits in the VINCON register. The
<UVLOOUT> Undervoltage Lockout Status Output bit
in the VINCON register indicates if an UVLO event has
occurred. The <OVLOOUT> Overvoltage Lockout
Status Output bit in the VINCON register indicates if an
OVLO event has occurred.
The VINUVLO register contains the digital value that
sets the input undervoltage lockout. UVLO has a range
of 4V to 20V. For VIN values below this range and
above processor come-alive (VDD = 2V), the UVLO
comparator and the UVLOOUT Status bit will indicate
an undervoltage condition. If using UVLO to determine
power-up VIN, it is recommended to poll the UVLOOUT
bit for status. When the input voltage on the VIN pin to
the MCP19116/7 is below this programmed level and
the <UVLOEN> bit in the VINCON register is set, both
PDRV and SDRV gate drivers are disabled. This bit is
automatically cleared when the MCP19116/7 VIN
voltage rises above this programmed level.
The VINOVLO register contains the digital value that
sets the input overvoltage lockout. OVLO has a range
of 8.8V to 44V. When the input voltage on the VIN pin to
the MCP19116/7 is above this programmed level and
the <OVLOEN> bit in the VINCON register is set, both
PDRV and SDRV gate drivers are disabled. This bit is
automatically cleared when the MCP19116/7 VIN
voltage drops below this programmed level.
Note:
The UVLOIF and OVLOIF interrupt flag
bits are set when an interrupt condition
occurs, regardless of the state of its
corresponding enable bit or the Global
Enable bit (GIE) in the INTCON register.
REGISTER 6-1:
VINCON: UVLO AND OVLO COMPARATOR CONTROL REGISTER
R/W-0
R-0
R/W-0
R/W-0
R/W-0
R-0
R/W-0
R/W-0
UVLOEN
UVLOOUT
UVLOINTP
UVLOINTN
OVLOEN
OVLOOUT
OVLOINTP
OVLOINTN
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
UVLOEN: UVLO Comparator Module Logic Enable bit
1 = UVLO Comparator Module Logic enabled
0 = UVLO Comparator Module Logic disabled
bit 6
UVLOOUT: Undervoltage Lockout Status Output
1 = UVLO event has occurred
0 = No UVLO event has occurred
bit 5
UVLOINTP: UVLO Comparator Interrupt on Positive Going Edge Enable bit
1 = The UVLOIF interrupt flag will be set upon a positive going edge of the UVLO
0 = No UVLOIF interrupt flag will be set upon a positive going edge of the UVLO
bit 4
UVLOINTN: UVLO Comparator Interrupt on Negative Going Edge Enable bit
1 = The UVLOIF interrupt flag will be set upon a negative going edge of the UVLO
0 = No UVLOIF interrupt flag will be set upon a negative going edge of the UVLO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com