Electronic Components Datasheet Search
  English  ▼

X  

MCP19116 Datasheet(PDF) 64 Page - Microchip Technology

Part # MCP19116
Description  Digitally Enhanced Power Analog Synchronous Low-Side PWM Controller with Improved 8k Word Core
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19116 Datasheet(HTML) 64 Page - Microchip Technology

Back Button MCP19116 Datasheet HTML 60Page - Microchip Technology MCP19116 Datasheet HTML 61Page - Microchip Technology MCP19116 Datasheet HTML 62Page - Microchip Technology MCP19116 Datasheet HTML 63Page - Microchip Technology MCP19116 Datasheet HTML 64Page - Microchip Technology MCP19116 Datasheet HTML 65Page - Microchip Technology MCP19116 Datasheet HTML 66Page - Microchip Technology MCP19116 Datasheet HTML 67Page - Microchip Technology MCP19116 Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 246 page
background image
MCP19116/7
DS20005479D-page 64
 2015-2020 Microchip Technology Inc.
9.8
Calibration Word 8
Calibration Word 8 is at memory location 2087h and
contains the calibration bits for the Error Amplifier Offset
Voltage EAOFFCAL<4:0> and for the Current Sense
Amplifier (A2) Gain while configured using the Internal
Feedback Resistor A2GRFBCAL<3:0>. A2 Gain
calibration trim bits set the 10V/V gain of the current
sense amplifier (A2). If the user has configured the
device using the internal Feedback Resistor, the
A2GRFBCAL<3:0> calibration value must be read via
firmware and copied into the A2GCAL Special Function
Register located in Bank 3 at 19Eh. Firmware must
also read the EAOFFCAL<4:0> values and copy them
into the EAOFFCAL Special Function Register located
in Bank 3 at 19Ch.
REGISTER 9-8:
CALWD8: CALIBRATION WORD 8 REGISTER
U-0
U-0
R/P-1
R/P-1
R/P-1
R/P-1
—
—A2GRFB-
CAL3
A2GRFB-
CAL2
A2GRFB-
CAL1
A2GRFB-
CAL0
bit 13
bit 8
U-0
U-0
U-0
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
—
—
—
EAOFFCAL4
EAOFFCAL3
EAOFFCAL2
EAOFFCAL1
EAOFFCAL0
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 13-12
Unimplemented: Read as ‘0’
bit 11-8
A2GRFBCAL<3:0>: A2 Current Sense Amplifier Gain Calibration bits
bit 7-5
Unimplemented: Read as ‘0’
bit 4-0
EAOFFCAL<4:0>: Error Amplifier Offset Voltage Calibration bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com