Electronic Components Datasheet Search
  English  ▼

X  

MCP19116 Datasheet(PDF) 63 Page - Microchip Technology

Part # MCP19116
Description  Digitally Enhanced Power Analog Synchronous Low-Side PWM Controller with Improved 8k Word Core
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19116 Datasheet(HTML) 63 Page - Microchip Technology

Back Button MCP19116 Datasheet HTML 59Page - Microchip Technology MCP19116 Datasheet HTML 60Page - Microchip Technology MCP19116 Datasheet HTML 61Page - Microchip Technology MCP19116 Datasheet HTML 62Page - Microchip Technology MCP19116 Datasheet HTML 63Page - Microchip Technology MCP19116 Datasheet HTML 64Page - Microchip Technology MCP19116 Datasheet HTML 65Page - Microchip Technology MCP19116 Datasheet HTML 66Page - Microchip Technology MCP19116 Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 246 page
background image
 2015-2020 Microchip Technology Inc.
DS20005479D-page 63
MCP19116/7
9.7
Calibration Word 7
The DCS<6:0> bits at memory location 2086h store the
factory-set offset calibration for the current sense
differential amplifier (A2) when configured using ISOUT.
Firmware must read these values and copy them into
the DCSCAL Special Function Register located in Bank
3 at 199h. If using the internal feedback resistor, refer
to Register 9-1.
REGISTER 9-7:
CALWD7: CALIBRATION WORD 7 REGISTER
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
bit 13
bit 8
U-0
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
—
DCS6
DCS5
DCS4
DCS3
DCS2
DCS1
DCS0
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 13-7
Unimplemented: Read as ‘0’
bit 6-0
DCS<6:0>: Differential Current Sense Amplifier Calibration bits when used with ISOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com